Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 2 Page - Linear Technology

  LTM4622 Datasheet HTML 1Page - Linear Technology LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4643
2
4643fb
For more information www.linear.com/LTM4643
ABSOLUTE MAXIMUM RATINGS
VIN, SVIN (Per Channel).............................. –0.3V to 22V
VOUT (Per Channel) (Note 3) ............–0.3V to SVIN or 6V
RUN (Per Channel)..................................... –0.3V to 22V
INTVCC (Per Channel) ............................... –0.3V to 3.6V
PGOOD, MODE, TRACK/SS,
FB (Per Channel)...................................–0.3V to INTVCC
CLKOUT (Note 3), CLKIN.......................–0.3V to INTVCC
Internal Operating Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
ORDER INFORMATION
LGA PACKAGE (WEIGHT = 0.70g)
77-LEAD (9mm × 15mm × 1.82mm)
BGA PACKAGE (WEIGHT = 0.83g)
77-LEAD (9mm × 15mm × 2.42mm)
1
2
3
4
5
6
7
B
C
D
E
F
G
H
J
K
L
A
TOP VIEW
VOUT1
SVIN1
MODE1
RUN1
COMP1
INTVCC1
GND
PGOOD2 PGOOD1
INTVCC2
PGOOD3 TEMP
INTVCC3
PGOOD4 CLKOUT
FB1
TRACK/SS1
GND
CLKIN
TRACK/SS2
FB2
RUN2
SGND
TRACK/SS3
FB3
TRACK/SS4
INTVCC4
RUN4
MODE2
SVIN2
COMP2
RUN3
FB4
MODE3
SVIN3
COMP3
COMP4
MODE4
SVIN4
VIN4
VIN1
GND
GND
GND
VIN3
VIN2
VOUT4
VOUT3
VOUT2
TJMAX = 125°C, θJCtop = 17°C/W, θJCbottom = 2.75°C/W,
θJB + θBA = 11°C/W, θJA = 10°C/W
θ VALUES PER JESD 51-12
PIN CONFIGURATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4643EV#PBF
Au (RoHS)
LTM4643V
e4
LGA
3
–40°C to 125°C
LTM4643IV#PBF
Au (RoHS)
LTM4643V
e4
LGA
3
–40°C to 125°C
LTM4643MPV#PBF
Au (RoHS)
LTM4643V
e4
LGA
3
–55°C to 125°C
LTM4643EY#PBF
SAC305 (RoHS)
LTM4643Y
e1
BGA
3
–40°C to 125°C
LTM4643IY#PBF
SAC305 (RoHS)
LTM4643Y
e1
BGA
3
–40°C to 125°C
LTM4643MPY#PBF
SAC305 (RoHS)
LTM4643Y
e1
BGA
3
–55°C to 125°C
LTM4643IY
SnPb (63/37)
LTM4643Y
e0
BGA
3
–40°C to 125°C
LTM4643MPY
SnPb (63/37)
LTM4643Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Markings:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM4643#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com