Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4637 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4637
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4637 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4637 Datasheet HTML 9Page - Linear Technology LTM4637 Datasheet HTML 10Page - Linear Technology LTM4637 Datasheet HTML 11Page - Linear Technology LTM4637 Datasheet HTML 12Page - Linear Technology LTM4637 Datasheet HTML 13Page - Linear Technology LTM4637 Datasheet HTML 14Page - Linear Technology LTM4637 Datasheet HTML 15Page - Linear Technology LTM4637 Datasheet HTML 16Page - Linear Technology LTM4637 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTM4645
13
4645f
For more information www.linear.com/LTM4645
applicaTions inForMaTion
PLL and Frequency Synchronization
Forsomeswitchingnoisesensitiveapplications,LTM4645
can be synchronized from 300kHz to 1MHz subject to
minimum on-time and inductor current ripple limitation
with an input clock that has a high level above 2V and a
low level below 0.8V at the MODE_PLLIN pin. Once the
LTM4645 is synchronizing to an external clock frequency,
it will always be running in forced continuous current
operation. The 300kHz low end operation frequency limit
is suggested to limit inductor ripple current.
Multiphase Operation
For outputs that demand more than 25A of load current,
multiple LTM4645 devices can be paralleled to provide
more output current without increasing input and output
voltage ripple.
The MODE_PLLIN pin allows the LTM4645 to synchronize
to an external clock (between 300kHz and 1MHz) and the
internal phase-locked loop allows the LTM4645 to lock
onto an incoming clock phase as well. The CLKOUT signal
can be connected to the MODE_PLLIN pin of the following
stage to line up both the frequency and the phase of the
entire system. Tying the PHASMD pin to INTVCC, three-
fourths of INTVCC, floating or, SGND generates a phase
difference (between VOUT and CLKOUT) of 180 degrees,
60 degrees, 120 degrees, 90 degrees respectively. A total
of 12 phases can be cascaded to run simultaneously with
respect to each other by programming the PHASMD pin
of each LTM4645 channel to different levels. Figure 3
shows a 2-phase, 3-phase, 4-phase, and 6-phase design
example for clock phasing.
VFREQ (V)
0.4
900
1100
1300
1.0
1.4
4645 F02
700
500
0.6
0.8
1.2
1.6
1.8
300
100
Figure 2. Relationship Between Switching Frequency
and FREQ Pin Voltage
Figure 3. Phase Selection Examples
LTM4645
180 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
3/4 INTVCC
LTM4645
240 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
3/4 INTVCC
LTM4645
300 PHASE
MODE_PLLIN
PHASMD
4645 F03
CLKOUT
VOUT
3/4 INTVCC
LTM4645
0 PHASE
MODE_PLLIN
PHASMD
R2
10k
R1
30.1k
CLKOUT
VOUT
LTM4645
0 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
LTM4645
90 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
LTM4645
180 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
LTM4645
270 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
3/4 INTVCC
INTVCC
LTM4645
60 PHASE
SIX PHASE
FOUR PHASE
LTM4645
0 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
LTM4645
120 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
LTM4645
240 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
THREE PHASE
LTM4645
0 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
LTM4645
180 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
INTVCC
INTVCC
TWO PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
3/4 INTVCC
LTM4645
120 PHASE
MODE_PLLIN
PHASMD
CLKOUT
VOUT
3/4 INTVCC
VOUT
PHASE
0
0
0
0
0
CLKOUT
PHASE
90
90
120
60
180
PHASMD
(V)
0
1/4 INTVCC
FLOAT
3/4 INTVCC
INTVCC
PHASE SELECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com