Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4646 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4646
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4646 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4646 Datasheet HTML 17Page - Linear Technology LTM4646 Datasheet HTML 18Page - Linear Technology LTM4646 Datasheet HTML 19Page - Linear Technology LTM4646 Datasheet HTML 20Page - Linear Technology LTM4646 Datasheet HTML 21Page - Linear Technology LTM4646 Datasheet HTML 22Page - Linear Technology LTM4646 Datasheet HTML 23Page - Linear Technology LTM4646 Datasheet HTML 24Page - Linear Technology LTM4646 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTM4646
21
4646f
For more information www.linear.com/LTM4646
Figure 7. Diode Voltage VD vs Temperature T(°C)
for Different Bias Currents
VD T(KELVIN) • KD • ln
ID
IS
where VD appears to increase with temperature. It is com-
mon knowledge that a silicon diode biased with a current
source has an approximate –2mV/°C temperature rela-
tionship (Figure 7), which is at odds with the equation
APPLICATIONS INFORMATION
K’D = KD • In(10) = 198µV/k
yields
∆VD = K’D • T(KELVIN)
Solving for temperature:
T(KELVIN)
∆VD
K'D
,
T(KELVIN) [ C] 273.15,
[ C] T(KELVIN) 273.15
means that if we take the difference in voltage across the
diode measured at two currents with a ratio of 10, the result-
ing voltage is 198V per Kelvin of the junction with a zero
intercept at 0 Kelvin. The diode connected PNP transistor at
the TEMP+, TEMP– pins can be used to monitor the internal
temperature of the LTM4646. A general temperature moni-
tor can be implemented by connecting a resistor between
TEMP+ and VIN to set the current to 100µA, grounding the
TEMP– pin, and then monitoring the diode voltage drop
with temperature. A more accurate temperature monitor
can be achieved with a circuit injecting two currents that
are at a 10:1 ratio. See LTC2997 data sheet.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
Module® package mounted to a hardware test board.
The motivation for providing these thermal coefficients
is found in JESD51-12 (“Guidelines for Reporting and
Using Electronic Package Thermal Information”). Many
designers may opt to use laboratory equipment and a test
vehicle such as the demo board to anticipate the Module
regulator’s thermal performance in their application at
various electrical and environmental operating conditions
to compliment any FEA activities. Without FEA software,
the thermal resistances reported in the Pin Configuration
section are in-and-of themselves not relevant to provid-
ing guidance of thermal performance; instead, the derat-
ing curves provided in the data sheet can be used in a
4646 F07
TEMPERATURE (°C)
–173
–73
27
127
0.4
0.6
0.8
1.0
∆VD
ID = 100µA
ID = 10µA
term, increases with temperature, reducing the ln(ID/IS)
absolute value yielding an approximate –2mV/°C com-
posite diode voltage slope.
To obtain a linear voltage proportional to temperature,
we cancel the IS variable in the natural logarithm term to
remove the IS dependency from the following equation.
This is accomplished by measuring the diode voltage at
two currents I1, and I2, where I1 = 10 • I2.
Subtracting we get:
∆VD T(KELVIN) • KD •In
I1
IS
T(KELVIN) • KD •In
I2
IS
Combining like terms, then simplifying the natural log
terms yields:
∆VD = T(KELVIN) • KD • In(10)
and redefining constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com