Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4628 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4628
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology LTM4628 Datasheet HTML 11Page - Linear Technology LTM4628 Datasheet HTML 12Page - Linear Technology LTM4628 Datasheet HTML 13Page - Linear Technology LTM4628 Datasheet HTML 14Page - Linear Technology LTM4628 Datasheet HTML 15Page - Linear Technology LTM4628 Datasheet HTML 16Page - Linear Technology LTM4628 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTM4644/LTM4644-1
13
4644fe
For more information www.linear.com/LTM4644
APPLICATIONS INFORMATION
Figure 3. Normalized RMS Ripple Current for Single Phase or Polyphase Applications
DUTY CYCLE (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4644 F03
1-PHASE
2-PHASE
4-PHASE
Outputvoltagetrackingcanalsobeprogrammedexternally
using the TRACK/SS pin of each regulator channel. The
output can be tracked up and down with another regula-
tor. Figure 4 and Figure 5 show an example waveform
and schematic of a ratiometric tracking where the slave
regulator’s (VOUT2, VOUT3 and VOUT4) output slew rate is
proportional to the master’s (VOUT1).
Since the slave regulator’s TRACK/SS is connected to
the master’s output through a RTR(TOP)/RTR(BOT) resistor
divider and its voltage used to regulate the slave output
voltage when TRACK/SS voltage is below 0.6V, the slave
outputvoltageandthemasteroutputvoltageshouldsatisfy
the following equation during the start-up.
VOUT(SL) •
RFB(SL)
RFB(SL) +60.4k
= VOUT(MA) •
RTR(BOT)
RTR(TOP) +RTR(BOT)
Where the 60.4k is the integrated top feedback resistor
and the RFB(SL) is the external bottom feedback resistor
of the LTM4644. The RTR(TOP)/RTR(BOT) is the resistor
divider on the TRACK/SS pin of the slave regulator, as
shown in Figure 5.
Following the upper equation, the master’s output slew
rate (MR) and the slave’s output slew rate (SR) in volts/
time is determined by:
MR
SR
=
RFB(SL)
RFB(SL) +60.4k
RTR(BOT)
RTR(TOP) +RTR(BOT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com