Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4649 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4649
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4649 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4649 Datasheet HTML 17Page - Linear Technology LTM4649 Datasheet HTML 18Page - Linear Technology LTM4649 Datasheet HTML 19Page - Linear Technology LTM4649 Datasheet HTML 20Page - Linear Technology LTM4649 Datasheet HTML 21Page - Linear Technology LTM4649 Datasheet HTML 22Page - Linear Technology LTM4649 Datasheet HTML 23Page - Linear Technology LTM4649 Datasheet HTML 24Page - Linear Technology LTM4649 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM4649
21
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
while ambient temperature is increased with and without
airflow.Thepowerlossincreasewithambienttemperature
change is factored into the derating curves. The junctions
are maintained at 120°C maximum while lowering output
currentorpowerwithincreasingambienttemperature.The
decreasedoutputcurrentwilldecreasetheinternalmodule
loss as ambient temperature is increased. The monitored
junctiontemperatureof120°Cminustheambientoperating
temperature specifies how much module temperature rise
canbeallowed.AsanexampleinFigure 12theloadcurrent
is derated to ~8A at ~90°C with no air or heat sink and
the power loss for the 12V to 1.5V at 8A output is about
2.24W. The 2.24W loss is calculated with the 1.6W room
temperature loss from the 12V to 1.5V power loss curve
at 8A, and the 1.40 multiplying factor at 120°C junction. If
the90°Cambienttemperatureissubtractedfromthe120°C
junction temperature, then the difference of 30°C divided
by 2.24W equals a 13°C/W
θJA thermal resistance. Table 4
specifies a 14°C/W value which is very close. Table 4 and
Table 5 provide equivalent thermal resistances for 1.5V
and 3.3V outputs with and without airflow. The derived
thermal resistances in Tables 4 and 5 for the various con-
ditions can be multiplied by the calculated power loss as
a function of ambient temperature to derive temperature
rise above ambient, thus maximum junction temperature.
Room temperature power loss can be derived from the ef-
ficiency curves in the Typical Performance Characteristics
section and adjusted with the above ambient temperature
multiplicative factors. The printed circuit board is a 1.6mm
thick four layer board with two ounce copper for the two
outer layers and one ounce copper for the two inner layers.
The PCB dimensions are 95mm × 76mm.
Safety Considerations
The LTM4649 module does not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure.
Figure 15. Thermal Image 12V to 1.5V at 10A
(No Heat Sink, No Air Flow. At Room Temperature Ambient)
48.1°C
48.8°C
4649 F15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com