Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630A Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4630A
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630A Datasheet(HTML) 4 Page - Linear Technology

  LTM4630A Datasheet HTML 1Page - Linear Technology LTM4630A Datasheet HTML 2Page - Linear Technology LTM4630A Datasheet HTML 3Page - Linear Technology LTM4630A Datasheet HTML 4Page - Linear Technology LTM4630A Datasheet HTML 5Page - Linear Technology LTM4630A Datasheet HTML 6Page - Linear Technology LTM4630A Datasheet HTML 7Page - Linear Technology LTM4630A Datasheet HTML 8Page - Linear Technology LTM4630A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTM4646
4
4646f
For more information www.linear.com/LTM4646
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel. TA = 25°C, VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 18.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Section
VFB1
Voltage at VFB1 Pin
IOUT = 0A, VOUT = 1.5V
l
0.592
0.600
0.608
V
VFB2
Voltage at VFB2 Pin
IOUT = 0A, VOUT = 1.5V
VFB2 is Gained Back Up by 2x Internal to 0.6V
l
0.296
0.3
0.304
V
IFB1, IFB2
(Note 6)
0
±50
nA
VOVL1, VOVL2
Feedback Overvoltage Lockout
VFB1 Rising
VFB2 Rising
l
l
0.630
0.315
0.645
0.323
0.660
0.330
V
V
ITRACK/SS1,
ITRACK/SS2
Track Pin Soft-Start Pull-Up Current TRACK/SS1,TRACK/SS2 = 0V
1.0
µA
UVLO
INTVCC Undervoltage Lockout
INTVCC Falling VIN (Note 6)
INTVCC Rising VIN (Note 6)
3.3
3.7
4.2
4.5
V
V
tOFF(MIN)
Minimum Top Gate Off-Time
(Note 6)
90
ns
tON(MIN)
Minimum Top Gate On-Time
(Note 6)
30
ns
RFBHI1, RFBHI2
Resistor Between VOUTS1, VOUTS2
and VFB1, VFB2 Pins for Each Output
60.05
60.4
60.75
kΩ
VPGOOD1, VPGOOD2
Low
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
–2
0
2
µA
VPGOOD
PGOOD Trip Level
VFB with Respect to Set Output Voltage
VFB Ramping Negative
VFB Ramping Positive
–7.5
7.5
%
%
Internal Linear Regulator
DRVCC
Internal DRVCC Voltage
6V < CPWR < 20V
5.0
5.3
5.6
V
DRVCC
Load Regulation
DRVCC Load Regulation
ICC = 0mA to 100mA
–1.3
–3.0
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.4
4.6
4.8
V
VEXTVCC(DROP)
EXTVCC Dropout
ICC = 20mA, VEXTVCC = 5V
80
120
mV
VEXTVCC(HYST)
EXTVCC Hysteresis
200
mV
Frequency and Clock Synchronization
Frequency Nominal
Nominal Frequency
RFREQ = 115kΩ
300
350
400
kHz
Frequency Low
Lowest Frequency
RFREQ = 165kΩ (Note 5)
250
kHz
Frequency High
Highest Frequency
RFREQ = 29.4kΩ
1.17
1.3
1.43
MHz
RMODE_PLLIN
MODE_PLLIN Input Resistance
MODE_PLLIN to SGND
600
k
Channel 2 Phase
VOUT2 Phase Relative to VOUT1
PHASMD = SGND
PHASMD = Float
PHASMD = INTVCC
180
180
240
Deg
Deg
Deg
CLKOUT Phase
Phase (Relative to VOUT1)
PHASMD = SGND
PHASMD = Float
PHASMD = INTVCC
60
90
120
Deg
Deg
Deg
VPLLIN High
VPLLIN Low
Clock Input High Level to MODE_PLLIN
Clock Input Low Level to MODE_PLLIN
2
0.5
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com