Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4630
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 16Page - Linear Technology LTM4630 Datasheet HTML 17Page - Linear Technology LTM4630 Datasheet HTML 18Page - Linear Technology LTM4630 Datasheet HTML 19Page - Linear Technology LTM4630 Datasheet HTML 20Page - Linear Technology LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTM4650-1
20
46501fc
For more information www.linear.com/LTM4650-1
applicaTions inForMaTion
and by definition must always be less than ID. Combining
all of the constants into one term:
KD =
η•k
q
where KD = 8.62 • 10−5, and knowing ln(ID/IS) is always
positive because ID is always greater than IS, leaves us
with the equation that:
VD =T KELVIN
(
)•KD •In
ID
IS
where VD appears to increase with temperature. It is com-
mon knowledge that a silicon diode biased with a current
sourcehasanapproximate–2mV/°Ctemperaturerelation-
ship (Figure 10), which is at odds with the equation. In
fact, the IS term increases with temperature, reducing the
ln(ID/IS) absolute value yielding an approximate –2mV/°C
composite diode voltage slope.
its impedance is equal to the resistor at the ring frequency.
Calculatedby:ZC=1/(2πfC).Thesevaluesareagoodplace
to start with. Modification to these components should
be made to attenuate the ringing with the least amount
of power loss.
Temperature Monitoring
Measuring the absolute temperature of a diode is pos-
sible due to the relationship between current, voltage
and temperature described by the classic diode equation:
ID =IS •e
VD
η• VT
⎛
⎝
⎜
⎞
⎠
⎟
or
VD =η• VT •In
ID
IS
where ID is the diode current, VD is the diode voltage, η
is the ideality factor (typically close to 1.0) and IS (satura-
tion current) is a process dependent parameter. VT can
be broken out to:
VT =
k • T
q
where T is the diode junction temperature in Kelvin, q is
the electron charge and k is Boltzmann’s constant. VT is
approximately 26mV at room temperature (298K) and
scales linearly with Kelvin temperature. It is this linear
temperature relationship that makes diodes suitable tem-
perature sensors. The IS term in the previous equation is
the extrapolated current through a diode junction when
the diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature,
Figure 10. Diode Voltage VD vs Temperature T(°C)
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
46501 F10
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com