Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4647 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4647
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4647 Datasheet(HTML) 2 Page - Linear Technology

  LTM4647 Datasheet HTML 1Page - Linear Technology LTM4647 Datasheet HTML 2Page - Linear Technology LTM4647 Datasheet HTML 3Page - Linear Technology LTM4647 Datasheet HTML 4Page - Linear Technology LTM4647 Datasheet HTML 5Page - Linear Technology LTM4647 Datasheet HTML 6Page - Linear Technology LTM4647 Datasheet HTML 7Page - Linear Technology LTM4647 Datasheet HTML 8Page - Linear Technology LTM4647 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTM4646
2
4646f
For more information www.linear.com/LTM4646
CPWR, VIN1, VIN2....................................... –0.3V to 22V
VSW1, VSW2................................................... –2V to 22V
PGOOD1, PGOOD2, RUN1, RUN2, DRVCC,
INTVCC, EXTVCC, VOUT1, VOUT2, VOUTS1,
VOUTS2..................................................... –0.3V to 6V
TRACK/SS1, TRACK/SS2............................. –0.3V to 5V
FREQ, VRNG, PHASMD,
MODE_PLLIN ............................–0.3V to INTVCC+0.3
VOUTS1– (Note 6)....................................... –0.3V to VFB1
VOUTS2– (Note 6)..........................–0.3V to INTVCC+0.3V
COMP1A, COMP2A (Note 6) ..................... –0.3V to 2.7V
COMP1B, COMP2B, VFB1, VFB2 ................. –0.3V to 2.7V
DRVCC Peak Output Current.................................100mA
Internal Operating Temperature
Range (Note 2) .................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature.... 245°C
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
ORDER INFORMATION
1
A
B
C
D
E
F
G
H
J
K
L
2
3
4
5
TOP VIEW
BGA PACKAGE
88-LEAD (15mm 11.25mm 5..01mm)
6
7
8
VIN1
SW1
RUN1
SW2
VOUT1
TEMP1–
TEMP1+
TEMP2–
TEMP2+
VOUTS1–
VOUTS1
PHASMD SGND TRACK/SS1
PGOOD1
DRVCC
VFB1
COMP1B
COMP1A
FREQ
CPWR
INTVCC
TRACK/SS2
MODE_
PLLIN CLKOUT
EXTVCC
PGOOD2
VFB2
VOUTS2 COMP2A
COMP2B
VRNG
RUN2
SGND VOUTS2
–
VOUT2
VIN2
GND
GND
GND
GND
TJMAX = 125°C, JCtop = 12.6°C/W, JCbottom = 1.8°C/W,
JB = 2.3°C/W, JA = 9.6°C/W
VALUES DEFINED PER JESD51-12
WEIGHT = 2.1g
PART NUMBER
BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4646EY#PBF
SAC305 (RoHS)
LTM4646Y
e1
BGA
3
–40°C to 125°C
LTM4646IY#PBF
LTM4646Y
LTM4646IY
SnPb (63/37)
LTM4646Y
e0
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• BGA Package and Tray Drawings: www.linear.com/packaging
http://www.linear.com/product/LTM4646#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com