Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8048 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8048
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 2 Page - Linear Technology

  LTM8048 Datasheet HTML 1Page - Linear Technology LTM8048 Datasheet HTML 2Page - Linear Technology LTM8048 Datasheet HTML 3Page - Linear Technology LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM4649
2
4649fc
For more information www.linear.com/LTM4649
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 18V
VOUT.......................................................... –0.3V to 3.6V
INTVCC, PGOOD, RUN.................................. –0.3V to 6V
MODE, CLKIN, TRACK/SS, DIFFP, DIFFN,
DIFFOUT, PHMODE ...............................–0.3V to INTVCC
VFB............................................................ –0.3V to 2.7V
COMP (Note 3).......................................... –0.3V to 2.7V
INTVCC Peak Output Current................................100mA
Internal Operating Temperature Range
(Note 2).................................................. –55°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature... 245°C
(Note 1)
PIN CONFIGURATION
PGOOD
MODE
TEMP
PHMODE
CLKIN
A
1
2
3
4
5
6
7
8
9
10
11
B
C
D
BGA PACKAGE
68-LEAD (9mm × 15mm × 4.92mm)
E
F
G
VOUT_LCL
DIFFOUT
TRACK/SS
TOP VIEW
DIFFN
COMP
DIFFP
CLKOUT
GND
GND
VOUT
GND
FREQ
VIN
NC
NC
SW
VFB
INTVCC
RUN
TJMAX = 125°C, θJA = 14°C/W, θJCbottom = 5°C/W, θJCtop = 20°C/W
θJB + θBA = 14°C/W, WEIGHT = 1.7g
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4649EY#PBF
SAC305 (RoHS)
LTM4649Y
e1
BGA
3
–40°C to 125°C
LTM4649IY#PBF
SAC305 (RoHS)
LTM4649Y
e1
BGA
3
–40°C to 125°C
LTM4649IY
SnPb (63/37)
LTM4649Y
e0
BGA
3
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Pb-free and Non-Pb-free Part Markings:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM4649#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com