Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4636 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4636
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 2 Page - Linear Technology

  LTM4636 Datasheet HTML 1Page - Linear Technology LTM4636 Datasheet HTML 2Page - Linear Technology LTM4636 Datasheet HTML 3Page - Linear Technology LTM4636 Datasheet HTML 4Page - Linear Technology LTM4636 Datasheet HTML 5Page - Linear Technology LTM4636 Datasheet HTML 6Page - Linear Technology LTM4636 Datasheet HTML 7Page - Linear Technology LTM4636 Datasheet HTML 8Page - Linear Technology LTM4636 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTM4650A-1
2
4650a1f
For more information www.linear.com/LTM4650A-1
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 18V
VSW1, VSW2....................................................–1V to 18V
PGOOD1, PGOOD2, RUN1, RUN2,
INTVCC, EXTVCC .......................................... –0.3V to 6V
MODE_PLLIN, fSET, TRACK1, TRACK2,
DIFFOUT, PHASMD ...............................–0.3V to INTVCC
VOUT1, VOUT2, VOUTS1, VOUTS2 (Note 5)........ –0.3V to 6V
DIFFP, DIFFN .........................................–0.3V to INTVCC
COMP1, COMP2, VFB1, VFB2 (Note 5)........ –0.3V to 2.7V
INTVCC Peak Output Current..................................50mA
Internal Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Temperature.......................... 245°C
(Note 1)
ORDER INFORMATION
BGA PACKAGE
144-LEAD (16mm
× 16mm × 5.01mm)
TOP VIEW
TEMP
CLKOUT
SW1
PHASMD
EXTVCC
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SW2
PGOOD1
PGOOD2
RUN2
TRACK2
INTVCC
VOUTS2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_PLLIN
VFB1
VOUTS1
fSET
SGND
COMP1 COMP2
SGND
VFB2
VIN
VOUT2
GND
GND
VOUT1
SGND
GND
TJMAX = 125°C, θJA = 7°C/W, θJCbottom = 1.5°C/W,
θJCtop = 3.7°C/W, θJB + θJBA ≅ 7°C/W
θ VALUES DEFINED PER JESD 51-12
WEIGHT = 3.8g
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TOTAL DC
ACCURACY
TEMPERATURE 
RANGE (Note 2)
DEVICE
FINISH CODE
LTM4650AEY-1#PBF
SAC305 (RoHS)
LTM4650AY-1
e1
BGA
3
±1%
–40°C to 125°C
LTM4650AIY-1#PBF
SAC305 (RoHS)
LTM4650AY-1
e1
BGA
3
±1%
–40°C to 125°C
LTM4650AIY-1
SnPb (63/37)
LTM4650AY-1
e0
BGA
3
±1%
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM4650A-1#orderinfo
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.5
16
V
VOUT
Output Voltage
l
0.6
5.5
V
VOUT1(DC),
VOUT2(DC)
Output Voltage, Total DC Variation
with Line and Load (Note 7)
CIN = 22µF × 3, COUT = 100µF × 1 Ceramic,
470µF POSCAP
VIN = 4.5V to 16V,
VOUT = 1.2V, IOUT = 0A to 25A
l
1.188
1.2
1.212
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com