Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4677
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 9Page - Linear Technology LTM4677 Datasheet HTML 10Page - Linear Technology LTM4677 Datasheet HTML 11Page - Linear Technology LTM4677 Datasheet HTML 12Page - Linear Technology LTM4677 Datasheet HTML 13Page - Linear Technology LTM4677 Datasheet HTML 14Page - Linear Technology LTM4677 Datasheet HTML 15Page - Linear Technology LTM4677 Datasheet HTML 16Page - Linear Technology LTM4677 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTM4650A-1
13
4650a1f
For more information www.linear.com/LTM4650A-1
Figure 4. 4-Phase Parallel Configurations
4650a1 F04
60.4k
TRACK1
TRACK2
VOUT1
VOUTS1
VFB1
VFB2
COMP1
4 PARALLELED OUTPUTS
FOR 1.2V AT 100A
OPTIONAL CONNECTION
COMP2
VOUTS2
VOUT2
60.4k
60.4k
TRACK1
TRACK2
0.1µF
6800pF
2.5k
VOUT1
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
60.4k
LTM4650A-1
LTM4650A-1
RFB
60.4k
OPTIONAL
RFB
60.4k
USE TO LOWER
TOTAL EQUIVALENT
RESISTANCE TO LOWER
IFB VOLTAGE ERROR
APPLICATIONS INFORMATION
voltage will default to 0.6V with no feedback resistor on
either VFB1 or VFB2. Adding a resistor RFB from VFB pin to
GND programs the output voltage:
VOUT = 0.6V •
60.4k +RFB
RFB
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT 0.6V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5V
RFB
Open 90.9k 60.4k 40.2k 30.2k 19.1k 13.3k 8.25k
For parallel operation of multiple channels the same feed-
back setting resistor can be used for the parallel design.
This is done by connecting the VOUTS1 to the output as
shown in Figure 4, thus tying one of the internal 60.4k
resistors to the output. All of the VFB pins tie together with
one programming resistor as shown in Figure 4.
Inparalleloperation,theVFBpinshaveanIFBcurrentof20nA
maximumeachchannel.Toreduceoutputvoltageerrordue
to this current, an additional VOUTS pin can be tied to VOUT,
andanadditionalRFBresistorcanbeusedtolowerthetotal
Thevenin equivalent resistance seen by this current. For
exampleinFigure4,thetotalTheveninequivalentresistance
of the VFB pin is (60.4k//RFB), which is 30.2k where RFB is
equal to 60.4k for a 1.2V output. Four phases connected
in parallel equates to a worse case feedback current of
4 • IFB = 80nA maximum. The voltage error is 80nA • 30.2k
= 2.4mV. If VOUTS2 is connected, as shown in Figure 4, to
VOUT,andanother60.4kresistorisconnectedfromVFB2to
ground, then the voltage error is reduced to 1.2mV. If the
voltage error is acceptable then no additional connections
arenecessary.Theonboard60.4kresistoris0.5%accurate
and the VFB resistor can be chosen by the user to be as
accurate as needed. All COMP pins are tied together for
current sharing between the phases. The TRACK/SS pins
can be tied together and a single soft-start capacitor can
be used to soft-start the regulator. The soft-start equation
willneedtohavethesoft-startcurrentparameterincreased
by the number of paralleled channels. See Output Voltage
Tracking section.
Input Capacitors
The LTM4650A-1 module should be connected to a low
AC-impedanceDCsource.Foreachchannelinput,two 22µF
input ceramic capacitors are used for RMS ripple current.
A47µFto100µFsurfacemountaluminumelectrolyticbulk
capacitor can be used for more input bulk capacitance.
This bulk input capacitor is only needed if the input source
impedanceiscompromisedbylonginductiveleads,traces
ornotenoughsourcecapacitance.Iflowimpedancepower
planes are used, then this bulk capacitor is not needed.
For a buck converter, the switching duty-cycle can be
estimated as:
D=
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com