Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4651 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4651
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4651 Datasheet HTML 17Page - Linear Technology LTM4651 Datasheet HTML 18Page - Linear Technology LTM4651 Datasheet HTML 19Page - Linear Technology LTM4651 Datasheet HTML 20Page - Linear Technology LTM4651 Datasheet HTML 21Page - Linear Technology LTM4651 Datasheet HTML 22Page - Linear Technology LTM4651 Datasheet HTML 23Page - Linear Technology LTM4651 Datasheet HTML 24Page - Linear Technology LTM4651 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTM4651
21
4651f
For more information www.linear.com/LTM4651
componentpowerdissipationflowingthroughthetopof
the package. As the electrical connections of the typical
µModule regulator are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4. θJB, the thermal resistance from junction to the printed
circuit board, is the junction-to-board thermal resis-
tance where almost all of the heat flows through the
bottom of the µModule regulator and into the board,
and is really the sum of the θJCbottom and the thermal
resistance of the bottom of the part through the solder
joints and through a portion of the board. The board
temperature is measured a specified distance from the
package, using a two sided, two layer board. This board
is described in JESD51-9.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 9; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a µModule regulator. For example,
in normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4651, be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to different
junctions of components or die are not exactly linear with
respect to total package power loss. To reconcile this
complicationwithoutsacrificingmodelingsimplicity—but
alsonotignoringpracticalrealities—anapproachhasbeen
taken using FEA software modeling along with laboratory
testing in a controlled-environment chamber to reason-
ably define and correlate the thermal resistance values
supplied in this data sheet: (1) Initially, FEA software is
used to accurately build the mechanical geometry of the
LTM4651 and the specified PCB with all of the correct
material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
definedJEDECenvironmentconsistentwithJESD51-9and
JESD51-12topredictpowerlossheatflowandtemperature
readings at different interfaces that enable the calculation
of the JEDEC-defined thermal resistance values; (3) the
model and FEA software is used to evaluate the LTM4651
with heat sink and airflow; (4) having solved for and
analyzed these thermal resistance values and simulated
various operating conditions in the software model, a
thorough laboratory evaluation replicates the simulated
APPLICATIONS INFORMATION
Figure 9. Graphical Representation of JESD51-12 Thermal Coefficients
4651 F09
µModule DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT THERMAL RESISTANCE COMPONENTS
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com