Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 18Page - Linear Technology LTM8049 Datasheet HTML 19Page - Linear Technology LTM8049 Datasheet HTML 20Page - Linear Technology LTM8049 Datasheet HTML 21Page - Linear Technology LTM8049 Datasheet HTML 22Page - Linear Technology LTM8049 Datasheet HTML 23Page - Linear Technology LTM8049 Datasheet HTML 24Page - Linear Technology LTM8049 Datasheet HTML 25Page - Linear Technology LTM8049 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4653
22
Rev 0
For more information www.analog.com
Table 2. 1V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 11, 12, 13
5, 12, 24
Figures 8, 9
0
None
13.9
Figures 11, 12, 13
5, 12, 24
Figures 8, 9
200
None
11.4
Figures 11, 12, 13
5, 12, 24
Figures 8, 9
400
None
10.7
Figures 14, 15, 16
5, 12, 24
Figures 8, 9
0
BGA Heat Sink
13.3
Figures 14, 15, 16
5, 12, 24
Figures 8, 9
200
BGA Heat Sink
11.0
Figures 14, 15, 16
5, 12, 24
Figures 8, 9
400
BGA Heat Sink
10.3
Table 3. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 17, 18, 19
12, 24, 48
Figures 8, 9, 10
0
None
13.9
Figures 17, 18, 19
12, 24, 48
Figures 8, 9, 10
200
None
11.4
Figures 17, 18, 19
12, 24, 48
Figures 8, 9, 10
400
None
10.7
Figures 20, 21, 22
12, 24, 48
Figures 8, 9, 10
0
BGA Heat Sink
13.3
Figures 20, 21, 22
12, 24, 48
Figures 8, 9, 10
200
BGA Heat Sink
11.0
Figures 20, 21, 22
12, 24, 48
Figures 8, 9, 10
400
BGA Heat Sink
10.3
Table 4. 15V and 24V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 23, 24, 25
24, 48
Figures 9, 10
0
None
13.9
Figures 23, 24, 25
24, 48
Figures 9, 10
200
None
11.4
Figures 23, 24, 25
24, 48
Figures 9, 10
400
None
10.7
Figures 26, 27, 28
24, 48
Figures 9, 10
0
BGA Heat Sink
13.3
Figures 26, 27, 28
24, 48
Figures 9, 10
200
BGA Heat Sink
11.0
Figures 26, 27, 28
24, 48
Figures 9, 10
400
BGA Heat Sink
10.3
Table 5. Heat Sink Manufacturer (Thermally Conductive Adhesive Tape Pre-Attached)
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
Cool Innovations
3-0504035UT411
www.coolinnovations.com
Table 6. Thermally Conductive Adhesive Tape Vendor
THERMALLY CONDUCTIVE ADHESIVE
TAPE MANUFACTURER
PART NUMBER
WEBSITE
Chomerics
T411
www.chomerics.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com