Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4622
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 9Page - Linear Technology LTM4622 Datasheet HTML 10Page - Linear Technology LTM4622 Datasheet HTML 11Page - Linear Technology LTM4622 Datasheet HTML 12Page - Linear Technology LTM4622 Datasheet HTML 13Page - Linear Technology LTM4622 Datasheet HTML 14Page - Linear Technology LTM4622 Datasheet HTML 15Page - Linear Technology LTM4622 Datasheet HTML 16Page - Linear Technology LTM4622 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM4661
13
4661f
For more information www.linear.com/LTM4661
curves. The junctions are maintained at 110°C maximum
while lowering output current or power with increasing
ambient temperature. The decreased output current will
decrease the internal module loss as ambient temperature
isincreased.Themonitoredjunctiontemperatureof110°C
minus the ambient operating temperature specifies how
much module temperature rise can be allowed. As an ex-
ample, in Figure 13 the load current is derated to ~0.35A
at ~80°C with no air or heat sink and the power loss for
the 3.3V to 15V at 0.35A output is about 1.4W. The 1.4W
loss is calculated with the ~1.0W room temperature loss
from the 3.3V to 15V power loss curve at 0.35A, and the
1.4 multiplying factor. If the 80°C ambient temperature
is subtracted from the 110°C junction temperature, then
the difference of 30°C divided by 1.4W equals a 21.4°C/W
θJA thermal resistance. Table 3 specifies a 21°C/W value
which is very close. Table 3 to Table 6 provide equivalent
thermal resistances for 5V, 8V, 12V and 15V outputs with
and without airflow and heat sinking. The derived thermal
resistances in Tables 3 to 6 for the various conditions can
be multiplied by the calculated power loss as a function
of ambient temperature to derive temperature rise above
ambient, thus maximum junction temperature. Room
temperature power loss can be derived from the efficiency
curves in the Typical Performance Characteristics section
and adjusted with the above ambient temperature mul-
tiplicative factors. The printed circuit board is a 1.6mm
thick four layer board with two ounce copper for the two
outer layers and one ounce copper all four layers. The
PCB dimensions are 65mm × 65mm.
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
Figure 4. 5V Output Power Loss
Figure 5. 8V Output Power Loss
Figure 6. 12V Output Power Loss
Figure 7. 15V Output Power Loss
Figure 8. 3.3V to 5V Derating
Curve, No Heat Sink
Figure 9. 3.3V to 8V Derating
Curve, No Heat Sink
LOAD CURRENT (A)
0
3
0.2
1.8
1.4
1
0.6
1.6
1.2
2.8
2.4
2
2.6
2.2
0.8
0.4
0
1
1.8
0.6
1.4
4661 F04
2
0.8
1.6
0.4
1.2
0.2
3.3V INPUT
LOAD CURRENT (A)
0
2
0.2
1.8
1.4
1
0.6
1.6
1.2
0.8
0.4
0
1
1.8
0.6
1.4
4661 F05
2
0.8
1.6
0.4
1.2
0.2
3.3V INPUT
5V INPUT
AMBIENT TEMPERATURE (°C)
30
2.5
2
1
1.5
0.5
0
80
60
100
4661 F08
110
70
50
90
40
0LFM
200LFM
400LFM
LOAD CURRENT (A)
0
2
0.2
1.8
1.4
1
0.6
1.6
1.2
0.8
0.4
0
0.5
0.9
0.3
0.7
4661 F06
1
0.4
0.8
0.2
0.6
0.1
3.3V INPUT
5V INPUT
AMBIENT TEMPERATURE (°C)
30
1.2
1
0.8
0.2
0.4
0.6
0
80
60
100
4661 F09
110
70
50
90
40
0LFM
200LFM
400LFM
LOAD CURRENT (A)
0
2
0.2
1.8
1.4
1
0.6
1.6
1.2
0.8
0.4
0
0.5
0.9
0.3
0.7
4661 F07
1
0.4
0.8
0.2
0.6
0.1
3.3V INPUT
5V INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com