Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 88 Page - Linear Technology

Part # LTM4630
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 88 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 84Page - Linear Technology LTM4630 Datasheet HTML 85Page - Linear Technology LTM4630 Datasheet HTML 86Page - Linear Technology LTM4630 Datasheet HTML 87Page - Linear Technology LTM4630 Datasheet HTML 88Page - Linear Technology LTM4630 Datasheet HTML 89Page - Linear Technology LTM4630 Datasheet HTML 90Page - Linear Technology LTM4630 Datasheet HTML 91Page - Linear Technology LTM4630 Datasheet HTML 92Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 136 page
background image
LTM4676A
88
4676afa
For more information www.linear.com/LTM4676A
If WP pin is high, PAGE, OPERATION, MFR_CLEAR_PEAKS, MFR_EE_UNLOCK and CLEAR_FAULTS commands are
supported. Individual fault bits can be cleared by writing a 1 to the respective bits in the STATUS registers.
MFR_ADDRESS
The MFR_ADDRESS command byte sets the 7 bits of the PMBus slave address for this device.
Setting this command to a value of 0x80 disables device addressing. The GLOBAL device address, 0x5A and 0x5B,
cannot be deactivated. If RCONFIG is set to ignore (MFR_CONFIG_ALL[6]=1b), the ASEL pin is still used to determine
the LSB of the channel address. If the ASEL pin is open, the LTM4676A will use the four LSBs of the MFR_ADDRESS
stored in EEPROM. Values of 0x5A, 0x5B, 0x0C, and 0x7C are not recommended.
This command has one data byte.
MFR_RAIL_ADDRESS
The MFR_RAIL_ADDRESS command enables direct device address access to the PAGE activated channel. The value
of this command should be common to all devices attached to a single power supply rail.
The user should only perform command writes to this address. If a read is performed from this address and the rail
devices do not respond with EXACTLY the same value, the LTM4676A will detect bus contention and set a CML com-
munications fault.
Setting this command to a value of 0x80 disables rail device addressing for the channel.
This command has one data byte.
GENERAL CONFIGURATION REGISTERS
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
MFR_CHAN_CONFIG
0xD0
Configuration bits that are channel specific. R/W Byte
Y
Reg
Y
0x1F
MFR_CONFIG_ALL
0xD1
Configuration bits that are common to all
pages.
R/W Byte
N
Reg
Y
0x09
MFR_CHAN_CONFIG
General purpose configuration command common to multiple LTC products.
BIT MEANING
7 Reserved
6 Reserved
5 Reserved
4 Disable RUN Low. When asserted the RUN pin is not pulsed low if commanded OFF
3 Short Cycle. When asserted the output will immediate off if commanded ON while waiting for TOFF_DELAY or TOFF_FALL. TOFF_MIN of 120ms is
honored then the part will command ON.
2 SHARE_CLOCK control, if SHARE_CLOCK is held low, the output is disabled
1 No GPIO ALERT, ALERT is not pulled low if GPIO is pulled low externally. Assert this bit if either POWER_GOOD or VOUT_UVUF are propagated on
GPIO
0 Disables the VOUT decay value requirement for MFR_RETRY_TIME processing. When this bit is set to a 0, the output must decay to less than 12.5%
of the programmed value for any action that turns off the rail including a fault, an OFF/ON command, or a toggle of RUN from high to low to high.
This command has one data byte.
appenDix c: pMbus coMManD DeTails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com