Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4675 Datasheet(PDF) 97 Page - Linear Technology

Part # LTM4675
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 97 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 93Page - Linear Technology LTM4675 Datasheet HTML 94Page - Linear Technology LTM4675 Datasheet HTML 95Page - Linear Technology LTM4675 Datasheet HTML 96Page - Linear Technology LTM4675 Datasheet HTML 97Page - Linear Technology LTM4675 Datasheet HTML 98Page - Linear Technology LTM4675 Datasheet HTML 99Page - Linear Technology LTM4675 Datasheet HTML 100Page - Linear Technology LTM4675 Datasheet HTML 101Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
LTM4676A
97
4676afa
For more information www.linear.com/LTM4676A
appenDix c: pMbus coMManD DeTails
CURRENT
Input Current Calibration
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_IIN_OFFSET
0xE9
Coefficient used to add to the input current to
account for the IQ of the part.
R/W
Word
Y
L11
A
Y
0.0305
0x8BE7
MFR_IIN_OFFSET
The MFR_IIN_OFFSET command allows the user to set an input current representing the quiescent current of each
channel. For accurate results at low output current, the part should be in continuous conduction mode. (MFR_PWM_
MODE[0]=1b). See Table 8 for recommended values.
This command has 2 data bytes and is formatted in Linear_5s_11s format.
Output Current Calibration
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
IOUT_CAL_GAIN
0x38 The ratio of the voltage at the current
sense pins to the sensed current.
R/W Word
Y
L11
mΩ
Factory-
Only NVM
Trimmed,
3.28mΩ typical
MFR_IOUT_CAL_GAIN_TC
0xF6 Temperature coefficient of the current
sensing element.
R/W Word
Y
CF
Y
3860
0x0F14
IOUT_CAL_GAIN
The IOUT_CAL_GAIN command is nominally used to set the resistance value of the current sense element, in mil-
liohms. (see also MFR_IOUT_CAL_GAIN_TC). Writes to this register result in a NACK and do not impact output current
readback telemetry.
This command has two data bytes and is formatted in Linear_5s_11s format.
MFR_IOUT_CAL_GAIN_TC
TheMFR_IOUT_CAL_GAIN_TCcommandallowstheusertoprogramthetemperaturecoefficientoftheIOUT_CAL_GAIN
inductor DCR in ppm/°C.
This command has two data bytes and is formatted in 16-bit 2’s complement integer ppm. N = –32768 to 32767 •
10–6. Nominal temperature is 27°C. The IOUT_CAL_GAIN is multiplied by:
[1.0 + MFR_IOUT_CAL_GAIN_TC • (READ_TEMPERATURE_1-27)]. DCR sensing will have a typical value of 3900.
The IOUT_CAL_GAIN and MFR_IOUT_CAL_GAIN_TC impact all current parameters including: READ_IOUT, READ_IIN,
IOUT_OC_FAULT_LIMIT and IOUT_OC_WARN_LIMIT. Writes to this register are not recommended; use the factory-
default value.
Input Current
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
IIN_OC_WARN_LIMIT
0x5D
Input overcurrent warning limit.
R/W Word
N
L11
A
Y
12
0xD300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com