Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8046 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8046
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 2 Page - Linear Technology

  LTM8046 Datasheet HTML 1Page - Linear Technology LTM8046 Datasheet HTML 2Page - Linear Technology LTM8046 Datasheet HTML 3Page - Linear Technology LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8046
2
8046fb
For more information www.linear.com/LTM8046
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, RUN ...................................................................32V
FB, SS .........................................................................5V
VOUT Relative to VOUT–..............................................16V
VIN + 2VOUT (Note 5).................................................36V
BIAS................................................................ VIN + 0.1V
GND to VOUT– Isolation (Note 2) ...........................2kVAC
Maximum Internal Temperature (Note 3) .............. 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
L
K
J
H
G
F
E
D
C
B
A
TOP VIEW
1
2
3
4
5
6
7
BANK 4
VOUT
BANK 3
VOUT–
BANK 2
GND
RUN
FB
BIAS SS
BANK 1
VIN
BGA PACKAGE
51-LEAD (15mm
× 9mm × 4.92mm)
TJMAX = 125°C, θJA = 21.9°C/W, θJCbottom = 7.9°C/W, θJCtop = 17.9°C/W, θJB = 8.4°C/W
WEIGHT = 1.5g,
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
orDer inForMaTion
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(See Note 3)
DEVICE
FINISH CODE
LTM8046EY#PBF
SAC305 (RoHS)
LTM8046Y
e1
BGA
3
–40°C to 125°C
LTM8046IY#PBF
SAC305 (RoHS)
LTM8046Y
e1
BGA
3
–40°C to 125°C
LTM8046IY
SnPb (63/37)
LTM8046Y
e0
BGA
3
–40°C to 125°C
LTM8046MPY#PBF
SAC305 (RoHS)
LTM8046Y
e1
BGA
3
–55°C to 125°C
LTM8046MPY
SnPb (63/37)
LTM8046Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Pb-free and Non-Pb-free Part Markings:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com