Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8045
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 3 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8049
3
8049fa
For more information www.linear.com/LTM8049
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8049E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8049I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum internal temperature is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 3: This μModule regulator includes overtemperature protection that
is intended to protect the device during momentary overload conditions.
Internal temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum internal
operating junction temperature may impair device reliability.
Note 4: CLKOUTn is intended to drive other circuitry. Do not apply a
positive or negative voltage or current source to CLKOUT, otherwise
permanent damage may occur.
Note 5: The duty cycle of CLKOUT2 is dependent upon the internal
temperature. See the Applications Information section for more details.
The l denotes the specifications which apply over the specified operating
temperature range (Notes 2, 3), otherwise specifications are at TA = 25°C. RUN = 2V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Operating Voltage
l
2.6
V
Positive Output DC Voltage
IOUT = 50mA, RFB = 15.4k, VOUTN Grounded
IOUT = 50mA, RFB = 274k, VOUTN Grounded
2.5
24
V
V
Negative Output DC Voltage
IOUT = 50mA, RFB = 30.1k, VOUTP Grounded
IOUT = 50mA, RFB = 287k, VOUTP Grounded
–2.5
–24
V
V
Maximum Continuous Output DC Current
VIN = 12V, VOUT = 5V or –5V
VIN = 12V, VOUT = 24 or –24V
1
0.25
A
A
VIN Quiescent Current
VRUN = 0V
VRUN = 2V, No Load
0
10
2
µA
mA
Line Regulation
4 ≤ VIN ≤ 20V, IOUT = 0.6A
0.1
%
Load Regulation
0 ≤ IOUT ≤ 1A
0.3
%
Switching Frequency
RT = 31.6k
RT = 412k
l
l
2100
160
2500
200
2900
240
kHz
kHz
Voltage at FBX Pin
Positive Output
Negative Output
l
l
1.185
2
1.204
7
1.22
16
V
mV
Current into FBX Pin
Positive Output
Negative Output
l
l
81
81
83.3
83.3
85.6
85.6
µA
µA
RUN pin Threshold Voltage
RUN Pin Rising
RUN Pin Falling
1.21
1.31
1.27
1.4
V
V
RUN Pin Current
VRUN = 3V
VRUN = 1.3V
VRUN = 0V
10.1
45
12.1
0
65
14.1
0.1
µA
µA
µA
SS Sourcing Current
SS = 0V
5.7
8.8
11.7
µA
Synchronization Frequency Range
200
2500
kHz
SYNC Input Low Threshold
0.4
V
SYNC Input High Threshold
1.3
V
CLKOUT1 Duty Cycle
(Note 5)
50
%
CLKOUT Output Voltage (Low)
2k Pull-Up to 2V
0.2
V
CLKOUT Output Voltage (High)
2k Pull-Down to GND
1.9
V
PG Threshold for Positive Feedback Voltage
FBX Rising
1.09
1.2
V
PG Threshold for Negative Feedback Voltage
FBX Falling
20
120
mV
PG Output Voltage Low
100µA into PG, FBX = 1V
150
mV
PG Leakage Current
PG = 20V, Run = 0V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com