Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8046 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8046
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 2 Page - Linear Technology

  LTM8046 Datasheet HTML 1Page - Linear Technology LTM8046 Datasheet HTML 2Page - Linear Technology LTM8046 Datasheet HTML 3Page - Linear Technology LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8049
2
8049fa
For more information www.linear.com/LTM8049
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINn, RUNn, PGn.......................................................20V
SYNCn, FBXn ..............................................................5V
SSn ..........................................................................2.5V
SHAREn ......................................................................2V
VOUTP (VOUTN = 0V)..................................................25V
VOUTN (VOUTP = 0V)................................................–25V
Maximum Internal Temperature............................ 125°C
Maximum Solder Temperature..............................260°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
TOP VIEW
BGA PACKAGE
77-LEAD (15mm × 9mm × 2.42mm)
BANK 3
VIN2
RUN2
SS2
SYNC2
RT2
RT1
SYNC1
SHARE1
SS1
RUN1
BANK 2
VIN1
BANK 1
GND
BANK 5
VOUT2P
FBX2
BANK 7
VOUT2N
BANK 6
VOUT1N
FBX1
BANK 4
VOUT1P
A
B
C
D
E
F
G
H
J
K
L
7
6
5
4
3
2
1
SHARE2
CLKOUT1
PG1
PG2
CLKOUT2
TJMAX = 125°C, θJA = 16.2°C/W, θJB = 3.8°C/W, θJCtop = 8.8°C/W,
θJCbottom = 3.8°C/W, θJCboard = 4.6°C/W, WEIGHT = 0.8g,
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM8049EY#PBF
SAC305 (RoHS)
LTM8049Y
e1
BGA
3
–40°C to 125°C
LTM8049IY#PBF
LTM8049IY
SnPb (63/37)
LTM8049
e0
* Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM8049#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com