Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4603
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology LTM4603 Datasheet HTML 22Page - Linear Technology LTM4603 Datasheet HTML 23Page - Linear Technology LTM4603 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM8050
20
8050fc
For more information www.linear.com/LTM8050
TYPICAL APPLICATIONS
Two LTM8050s in Parallel, 2.5V at 3.8A
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
LTM8050
VIN*
4.1V TO 58V
VOUT
2.5V AT 3.8A
3V
174k
230kHz
113k
PGOOD
SYNC
AUX
BIAS
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA06
LTM8050
OPTIONAL
SYNC
174k
230kHz
10µF
10µF
300µF
PGOOD
SYNC
AUX
BIAS
*RUNNING VOLTAGE RANGE. PLEASE REFER TO APPLICATIONS INFORMATION
SECTION FOR START-UP DETAILS
NOTE: SYNCHRONIZE THE TWO MODULES TO AVOID BEAT FREQUENCIES,
IF NECESSARY. OTHERWISE, TIE EACH SYNC TO GND
3.3V Step-Down Converter
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA07
LTM8050
VIN*
5.3V TO 58V
VOUT
3.3V AT 2A
140k
f = 280kHz
154k
4.7µF
220µF
PGOOD
SYNC
AUX
BIAS
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com