Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8052A Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8052A
Description  36V, 5A, 2-Quadrant CVCC Step-Down 關Module Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8052A Datasheet(HTML) 4 Page - Linear Technology

  LTM8052A Datasheet HTML 1Page - Linear Technology LTM8052A Datasheet HTML 2Page - Linear Technology LTM8052A Datasheet HTML 3Page - Linear Technology LTM8052A Datasheet HTML 4Page - Linear Technology LTM8052A Datasheet HTML 5Page - Linear Technology LTM8052A Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1939af
DEMO MANUAL DC1939A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
CIN1
Cap., X7R 10μF 50V 10% 1210
MURATA GRM32ER71H106KA12L
2
1
CIN2
Cap., ELECTROLYTIC 22μF 50V 10%
SUN ELECT. 50CE22BSS
3
1
COUT1
Cap., X5R 100μF 6.3V 20% 1210
TDK C3225X5R0J107M
4
1
COUT3
Cap., OSCON 330μF 4V 20%
SANYO 4SVPC330M
5
1
C1
Cap., NPO 1000pF 50V 20% 0603
AVX 06035A102MAT1A
6
1
C2
Cap., X7R 1500pF 25V 10% 0603
AVX 06033C152KAT1A
7
1
R1
Res., Chip 10k 0.1W 5% 0603
VISHAY CRCW060310K0JNEA
8
2
R2, R3
Res., Chip 100k 0.1W 5% 0603
VISHAY CRCW0603100KJNEA
9
1
R4
Res., Chip 301k 0.1W 1% 0603
VISHAY CRCW0603301KFKEA
10
1
R5
Res., Chip 90.9k 0.1W 1% 0603
VISHAY CRCW060390K9FKEA
11
1
R6
Res., Chip 9.09k 0.1W 1% 0603
VISHAY CRCW06039K09FKEA
12
1
R7
Res., Chip 510k 0.1W 5% 0603
VISHAY CRCW0603510KJNEA
13
1
U1
I.C., Step-Down Voltage Regulator LGA(81)
15mm x 11.25mm x 2.82mm
LINEAR TECH. CORP. LTM8052AEV
Additional Demo Board Circuit Components
1
0
COUT2 (OPT)
Cap., 1210
2
0
C3 (OPT)
Cap., 1206
3
0
C4 (OPT)
Cap., 1210
4
0
C5 (OPT)
Cap., OSCON
5
0
FB1 (OPT)
Ferrite Bead, 1206
6
0
L1 (OPT)
Inductor
7
0
R8 (OPT)
Res., 0603
Hardware-For Demo Board Only
1
5
E1, E2, E3, E8, E9
Turret, Testpoint
MILL-MAX 2501-2-00-80-00-00-07-0
2
4
E4, E5, E6, E7
Turret, Testpoint
MILL-MAX 2308-2-00-80-00-00-07-0
3
2
JP1, JP2
Headers, Single Row 3 Pins 2mm Ctrs.
SAMTEC TMM-103-02-L-S
4
4
J1, J2, J3, J4
Connector, Banana Jack
KEYSTONE 575-4
5
2
XJP1, XJP2
Shunt, 2mm Ctrs.
SAMTEC 2SN-BK-G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com