Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4605 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4605
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4605 Datasheet HTML 17Page - Linear Technology LTM4605 Datasheet HTML 18Page - Linear Technology LTM4605 Datasheet HTML 19Page - Linear Technology LTM4605 Datasheet HTML 20Page - Linear Technology LTM4605 Datasheet HTML 21Page - Linear Technology LTM4605 Datasheet HTML 22Page - Linear Technology LTM4605 Datasheet HTML 23Page - Linear Technology LTM4605 Datasheet HTML 24Page - Linear Technology LTM4605 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM8055
21
8055fb
For more information www.linear.com/LTM8055
TYPICAL APPLICATIONS
Two LTM8055s Powered from Different Input Sources to Run a Single Load. Each LTM8055 Draws No More Than 1.8A from Its
Respective Power Source, and Are Synchronized 180° Out Of Phase with Each Other
Input Current and Output Voltage vs
Output Current 12VIN
VIN
SVIN
IIN
GND
LL MODE
LTM8055
IOUT
VOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
CLKOUT
22µF
25V
3A MAX
VOUT
12V
68µF
35V
10µF
50V
SUPPLY 1
6V TO 36VIN
SUPPLY 2
6V TO 36VIN
36.5k
VIN
0.025
0.025
SVIN
IIN
GND
LL
LTM8055
IOUT
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
11k
8055 TA06a
22µF
25V
10µF
50V
36.5k
fSW = 600kHz
47pF
47pF
MODE
100k
11k
100k
+
OUTPUT CURRENT (A)
2.5
1.5
1.0
0.5
2.0
14
12
10
8
6
4
2
0
0
8055 TA06b
2
3
0
1
4
VOUT
INPUT CURRENT,
REGULATOR 1
INPUT CURRENT,
REGULATOR 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com