Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8045
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology LTM8045 Datasheet HTML 14Page - Linear Technology LTM8045 Datasheet HTML 15Page - Linear Technology LTM8045 Datasheet HTML 16Page - Linear Technology LTM8045 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM8055
13
8055fb
For more information www.linear.com/LTM8055
still operate properly. Some examples of this are provided
in the Typical Applications section.
Soft-Start
Soft-startreducestheinputpowersources’surgecurrents
bygraduallyincreasingthecontroller’scurrent.Asindicated
in the Block Diagram, the LTM8055 has an internal soft-
start RC network. Depending upon the load and operating
conditions, the internal network may be sufficient for the
application. To increase the soft-start time, simply add a
capacitor from SS to GND.
Output Current Limit (IOUT)
The LTM8055 features an accurate average output current
limit set by an external sense resistor placed between VOUT
and IOUT as shown in Figure 3. VOUT and IOUT internally
connect to a differential amplifier that limits the current
when the voltage VOUT-IOUT reaches 58mV. The current
limit is:
IOUT(LIM) =
58mV
RSENSE
where RSENSE is the value of the sense resistor in ohms.
Most applications should use an output sense resistor as
shown in Figure 3, if practical. The internal buck-boost
power stage is current limited, but is nonetheless capable
of delivering large amounts of current in an overload
condition, especially when the output voltage is much
lower than the input and the power stage is operating as
a buck converter.
tying the LL and MODE pins together can improve perfor-
mance—see Switching Mode in this section.
In high step-down voltage regulator applications, the
internal current limit can be quite high to allow proper
operation. This can potentially damage the LTM8055
in overload or short-circuit conditions. Apply an output
current sense resistor to set an appropriate current limit
to protect the LTM8055 against these fault conditions.
Output Current Limit Control (CTL)
Use the CTL input to reduce the output current limit from
thevaluesetbytheexternalsenseresistorappliedbetween
VOUT and IOUT. The typical control range is between 0V
and 1.2V. The CTL pin does not directly affect the input
current limit. If this function is not used, leave CTL open.
Drive CTL to less than about 50mV to stop switching. The
CTL pin has an internal pull-up resistor to 2V.
Input Current Limit (IIN)
Some applications require that LTM8055 draw no more
than some predetermined current from the power source.
Current limited power sources and power sharing are two
examples.TheLTM8055featuresanaccurateinputcurrent
limit set by an external sense resistor placed between IIN
and VINasshowninFigure4.VINandIINinternallyconnect
to a differential amplifier that limits the current when the
voltage IIN-VIN reaches 50mV. The current limit is:
IIN(LIM) =
50mV
RSENSE
where RSENSE is the value of the sense resistor in ohms.
If input current limiting is not required, simply tie IINtoVIN.
APPLICATIONS INFORMATION
IOUT
LTM8055
VOUT
RSENSE
8055 F03
LOAD
Figure 3. Set The LTM8055 Output Current Limit with an External
Sense Resistor
Figure 4. Set the LTM8055 Input Current Limit with an
External Sense Resistor
IIN
LTM8055
RSENSE
VIN
POWER
SOURCE
8055 F04
When the voltage across the output sense resistor falls
to about 1/10th of full scale, the LL pin pulls low. If there
is no output sense resistor, and IOUT is tied to VOUT, LL
will be active low. Applying an output sense resistor and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com