Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4609
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 9Page - Linear Technology LTM4609 Datasheet HTML 10Page - Linear Technology LTM4609 Datasheet HTML 11Page - Linear Technology LTM4609 Datasheet HTML 12Page - Linear Technology LTM4609 Datasheet HTML 13Page - Linear Technology LTM4609 Datasheet HTML 14Page - Linear Technology LTM4609 Datasheet HTML 15Page - Linear Technology LTM4609 Datasheet HTML 16Page - Linear Technology LTM4609 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM8056
13
8056fa
For more information www.linear.com/LTM8056
APPLICATIONS INFORMATION
LTM8056 if the output is overloaded or short circuited.
A frequency that is too low can result in a final design
that has too much output ripple or too large of an output
capacitor or is even unstable.
Parallel Operation
Two or more LTM8056s may be combined to provide
increased output current by configuring them as a mas-
ter and a slave, as shown in Figure 1. Each LTM8056 is
equipped with an IOUTMON and a CTL pin. The IOUTMON
pin’s0Vto1.2Vsignalreflectsthecurrentpassingthrough
the output sense resistor, while a voltage less than 1.2V
appliedtotheCTLpinwilllimitthecurrentpassingthrough
the output sense resistor. By applying the voltage of the
master’s IOUTMON pin to the slave’s CTL pin, the two units
will source the same current to the load, assuming each
LTM8056 output current sense resistor is the same value.
2. Apply a FB resistor network to the individual slaves
so that the resulting output is higher than the desired
output voltage.
3. Apply the appropriate output current sense resistors
between VOUT and IOUT. If the same value is used for the
master and slave units, they will share current equally.
4. Connect the master IOUTMON to the slaves’ CTL pin
through a unity gain buffer. The unity gain buffer is
requiredtoisolatetheoutputimpedanceoftheLTM8056
from the integrated pull-up on the CTL pins.
5. Tie the outputs together.
Note that this configuration does not require the inputs to
be tied together, making it simple to power a single heavy
load from multiple input sources. Ensure that each input
power source has sufficient voltage and current sourcing
capability to provide the necessary power. Please refer
to the Maximum Output Current vs VIN and Input Current
vs Output Current curves in the Typical Performance
Characteristics section for guidance.
ParalleledLTM8056sshouldnormallybeallowedtoswitch
in discontinuous mode enabled to prevent current from
flowing from the output of one unit into another; that is,
the MODE pin should be tied to LL. In some cases, operat-
ing the master in forced continuous (MODE open) and the
slaves in discontinuous mode (MODE = LL) is desirable.
If so, current from the output can flow into the master’s
input. Please refer to Input Precaution in this section for
a discussion of this behavior.
Minimum Input Voltage and RUN
The LTM8056 needs a minimum of 5V for proper opera-
tion, but system parameters may dictate that the device
operate only above some higher input voltage. For ex-
ample, a LTM8056 may be used to produce 12VOUT, but
the input power source may not be budgeted to provide
enough current if the input supply voltage is below 8V.
The RUN pin has a typical falling voltage threshold of
1.2V and a typical hysteresis of 25mV. In addition, the
pin sinks 3µA below the RUN threshold. Based upon the
Figure 1. Two or More LTM8056s May Be Connected in a
Master/Slave Configuration for Increased Output Current
IOUT
MASTER
IOUTMON
OUTPUT CURRENT
SENSE RESISTOR
TO LOAD
VOUT
IOUT
CTL
SLAVE
VOUT
UNITY GAIN
BUFFER
8056 F01
OUTPUT CURRENT
SENSE RESISTOR
The design of a master-slave configuration is straight-
forward:
1. Apply the FB resistor network to the master, choosing
the proper values for the desired output voltage. Sug-
gested values for popular output voltages are provided
in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com