Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8047 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8047
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8047 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8047 Datasheet HTML 12Page - Linear Technology LTM8047 Datasheet HTML 13Page - Linear Technology LTM8047 Datasheet HTML 14Page - Linear Technology LTM8047 Datasheet HTML 15Page - Linear Technology LTM8047 Datasheet HTML 16Page - Linear Technology LTM8047 Datasheet HTML 17Page - Linear Technology LTM8047 Datasheet HTML 18Page - Linear Technology LTM8047 Datasheet HTML 19Page - Linear Technology LTM8047 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8067
20
8067fc
For more information www.linear.com/LTM8067
LINEAR TECHNOLOGY CORPORATION 2016
LT 0717 REV C • PRINTED IN USA
www.linear.com/LTM8067
RELATED PARTS
TYPICAL APPLICATION
15V Floating 1GBT Gate Drive
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
2.8k
4.7µF
4.7µF
VIN
GND
VOUT
VOUTN
RUN
FB
VIN
12V
LTM8067
15V
200mA
100VDC
MOTOR POWER
8067 TA02a
PART NUMBER DESCRIPTION
COMMENTS
LTM8068
2kVAC Isolated µModule Converter with LDO Post Regulator
2.8V ≤ VIN ≤40V, 1.2V ≤ VOUT ≤ 18V; 20µVRMS Output Ripple.
UL60950 Recognized.
LTM8047
725VDC, 1.5W Isolated µModule Converter
3.1V ≤ VIN ≤32V, 2.5V ≤ VOUT ≤ 12V
LTM8048
725VDC, 1.5W Isolated µModule Converter with LDO Post Regulator 3.1V ≤ VIN ≤32V, 1.2V ≤ VOUT ≤ 12V; 20µVRMS Output Ripple
LTM8045
Inverting or SEPIC µModule DC/DC Convertor
2.8V ≤ VIN ≤18V, 2.5V ≤ VOUT ≤ 15V or -2.5V ≤ VOUT ≤ –15V, Up
to 700mA
LT®8300
Isolated Flyback Convertor with 100VIN, 150V/260mA Power Switch 6V ≤ VIN ≤ 100V, No Opt-Isolator Required
LT8301
Isolated Flyback Convertor with 65V/1.2A Power Switch
2.7V ≤ VIN ≤ 42V, No Opt-Isolator Required
LT8302
Isolated Flyback Convertor with 65V/3.6A Power Switch
2.8V ≤ VIN ≤ 42V, No Opt-Isolator Required
LTM8049
Dual Outputs, SEPIC and/or Inverting µModule Regulator
2.6V ≤ VIN ≤ 20V, ±2.5V ≤ VOUT ≤ ±25V,
9mm × 15mm × 2.42mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com