Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8048 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8048
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 3 Page - Linear Technology

  LTM8048 Datasheet HTML 1Page - Linear Technology LTM8048 Datasheet HTML 2Page - Linear Technology LTM8048 Datasheet HTML 3Page - Linear Technology LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8068
3
8068fb
For more information www.linear.com/LTM8068
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: VIN + VOUT1 is defined as the sum of:
(VIN – GND) + (VOUT1 – VOUTN)
Note 3: The LTM8068 isolation test voltage of either 2kVAC or its
equivalent of 2.83kVDC is applied for one second.
The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C, RUN = 2V (Note 4).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input DC Voltage
RUN = 2V
l
2.8
V
VOUT1 DC Voltage
RFB1 = 15.4k
RFB1 = 8.25k
RFB1 = 2.37k
l
4.75
2.5
5
18
5.25
V
V
V
VIN Quiescent Current
VRUN = 0V
Not Switching
7
3
µA
mA
VOUT1 Line Regulation
3V ≤ VIN ≤ 40V, IOUT = 0.1A, RUN = 2V
1
%
VOUT1 Load Regulation
0.05A ≤ IOUT ≤ 0.3A, RUN = 2V
1
%
VOUT1 Ripple (RMS)
IOUT = 0.1A, 1MHz BW
30
mV
Isolation Voltage
(Note 3)
2
kV
Input Short-Circuit Current
VOUT1 Shorted
80
mA
RUN Pin Input Threshold
RUN Pin Falling
1.18
1.214
1.25
V
RUN Pin Current
VRUN = 1V
VRUN = 1.3V
2.5
0.1
µA
µA
LDO (VOUT2) Minimum Input DC Voltage
(Note 5)
1.5
2.3
V
VOUT2 Voltage Range
VOUT1 = 16V, RFB2 Open, No Load (Note 5)
VOUT1 = 16V, RFB2 = 41.2k, No Load (Note 5)
1.22
17.7
V
V
FB2 Pin Voltage
VOUT1 = 2V, IOUT2 = 1mA (Note 5)
VOUT1 = 2V, IOUT2 = 1mA (Note 5)
l
1.19
1.22
1.25
V
V
VOUT2 Line Regulation
2V < VOUT1 < 16V, IOUT2 = 1mA (Note 5)
1
5
mV
VOUT2 Load Regulation
VOUT1 = 5V, 10mA ≤ IOUT2 ≤ 300mA (Note 5)
2
10
mV
LDO Dropout Voltage
IOUT2 = 10mA (Note 5)
IOUT2 = 100mA (Note 5)
IOUT2 = 300mA (Note 5)
0.25
0.34
0.43
V
V
V
VOUT2 Ripple (RMS)
CBYP = 0.01µF, IOUT2 = 300mA, BW = 100Hz to 100kHz (Note 5)
20
µVRMS
Note 4: The LTM8068E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8068I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum internal temperature is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 5: VRUN = 0V (Flyback not running), but the VOUT2 post regulator is
powered by applying a voltage to VOUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com