Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8050 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8050
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 18Page - Linear Technology LTM8050 Datasheet HTML 19Page - Linear Technology LTM8050 Datasheet HTML 20Page - Linear Technology LTM8050 Datasheet HTML 21Page - Linear Technology LTM8050 Datasheet HTML 22Page - Linear Technology LTM8050 Datasheet HTML 23Page - Linear Technology LTM8050 Datasheet HTML 24Page - Linear Technology LTM8050 Datasheet HTML 25Page - Linear Technology LTM8050 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTM8065
23
8065fa
For more information www.linear.com/LTM8065
PACKAGE DESCRIPTION
PACKAGE PHOTO
Table 3. LTM8065 Pinout (Sorted by Pin Number)
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
A
1
GND
B
1
FB
C
1
GND
D
1
GND
E
1
GND
F
1
VOUT
A
2
BIAS
B
2
AUX
C
2
GND
D
2
GND
E
2
GND
F
2
VOUT
A
3
PG
B
3
GND
C
3
VIN
D
3
GND
E
3
GND
F
3
VOUT
A
4
GND
B
4
SYNC
C
4
VIN
D
4
GND
E
4
GND
F
4
VOUT
A
5
RT
B
5
TR/SS
C
5
VIN
D
5
GND
E
5
GND
F
5
VOUT
A
6
GND
B
6
RUN
C
6
VIN
D
6
GND
E
6
GND
F
6
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com