Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8053 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM8053
Description  60VIN, 3A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM8053 Datasheet HTML 17Page - Linear Technology LTM8053 Datasheet HTML 18Page - Linear Technology LTM8053 Datasheet HTML 19Page - Linear Technology LTM8053 Datasheet HTML 20Page - Linear Technology LTM8053 Datasheet HTML 21Page - Linear Technology LTM8053 Datasheet HTML 22Page - Linear Technology LTM8053 Datasheet HTML 23Page - Linear Technology LTM8053 Datasheet HTML 24Page - Linear Technology LTM8053 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM8073
21
8073fa
For more information www.linear.com/LTM8073
Typical applicaTions
15VOUT from 19.5VIN to 60VIN Step-Down Converter. BIAS Is Tied to AUX
1.2VOUT from 3.4VIN to 60VIN Step-Down Converter. BIAS Is Tied to an External 3.3V Source
2.5VOUT from 4VIN to 15VIN Step-Down Converter. BIAS Is Tied to VIN
1µF
100µF
118k
LTM8073
VOUT
RUN
VOUT
2.5V
3.3A
VIN
VIN
4V TO 15V
FB
GND
BIAS
SYNC
8073 TA04
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE, AUX
51.1k
800kHz
RT
1µF
22µF
26.7k
1.4MHz
14.3k
LTM8073
VOUT
FB
AUX
BIAS
VOUT
15V
2.7A
VIN
VIN
19.5V TO 60V
GND
RUN
SYNC
RT
8073 TA02
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
1µF
EXT 3.3V
100µF
×2
47pf
499k
LTM8073
VOUT
AUX
VOUT
1.2V
3.5A
VIN
VIN
3.4V TO 60V
FB
GND
RUN
SYNC
8073 TA03
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
84.5k
500kHz
RT
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com