Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8049
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8067
8
8067fc
For more information www.linear.com/LTM8067
PIN FUNCTIONS
VOUT (Bank 1): VOUT and VOUTN comprise the isolated
output of the LTM8067 flyback stage. Apply an external
capacitor between VOUT and VOUTN. Do not allow VOUTN
to exceed VOUT.
VOUTN (Bank 2): VOUTN is the return for VOUT. VOUT and
VOUTN comprise the isolated output of the LTM8067. In
most applications, the bulk of the heat flow out of the
LTM8067 is through the GND and VOUTN pads, so the
printed circuit design has a large impact on the thermal
performance of the part. See the PCB Layout and Thermal
Considerationssectionsformoredetails.Applyanexternal
capacitor between VOUT and VOUTN.
GND (Bank 4): This is the primary side local ground of the
LTM8067primary.Inmostapplications,thebulkoftheheat
flow out of the LTM8067 is through the GND and VOUTN
pads, so the printed circuit design has a large impact on
the thermal performance of the part. See the PCB Layout
and Thermal Considerations sections for more details.
VIN (Bank 5): VIN supplies current to the LTM8067’s
internal regulator and to the integrated power switch.
These pins must be locally bypassed with an external,
low ESR capacitor.
RUN (Pin F3): A resistive divider connected to VIN and this
pin programs the minimum voltage at which the LTM8067
will operate. Below 1.214V, the LTM8067 does not deliver
powertothesecondary.WhenRUNislessthan1.214V,the
pin draws 2.5µA, allowing for a programmable hysteresis.
Do not allow a negative voltage (relative to GND) on this
pin. Tie this pin to VIN if it is not used.
FB (Pins G7): Apply a resistor from this pin to GND to
set the output voltage VOUTN relative to VOUTN, using the
recommended value given in Table 1. If Table 1 does not
list the desired VOUT value, the equation:
RFB =37.415 VOUT–0.955
(
)kΩ
may be used to approximate the value. To the seasoned
designer,thisexponentialequationmayseemunusual.The
equation is exponential due to nonlinear current sources
that are used to temperature compensate the regulation.
Do not drive this pin with an external power source.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com