Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8032
Description  60VIN, 3A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 9Page - Linear Technology LTM8032 Datasheet HTML 10Page - Linear Technology LTM8032 Datasheet HTML 11Page - Linear Technology LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology LTM8032 Datasheet HTML 14Page - Linear Technology LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM8073
13
8073fa
For more information www.linear.com/LTM8073
applicaTions inForMaTion
For most applications, the design process is straight-
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB and RT values.
3. Apply the CFF (from AUX to FB) capacitor as required.
4. Connect BIAS as indicated.
While these component combinations have been tested for
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current is limited by junction temperature, the
relationship between the input and output voltage mag-
nitude and polarity and other factors. Please refer to the
graphs in the Typical Performance Characteristics section
for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8073 should be allowed to switch is given
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN (Note 1)
VOUT
RFB
CIN (Note 2)
COUT
CFF
BIAS
fSW
RT
MAX fSW
MIN RT
3.4V to 60V
0.8V
Open
1µF 100V 1206 X7R 2× 100µF 4V 0805 X5R
47pF
5V
450kHz
95.3k
475kHz
90.9k
3.4V to 60V
1V
1M
1µF 100V 1206 X7R 2× 100µF 4V 0805 X5R
47pF
5V
450kHz
95.3k
550kHz
76.8k
3.4V to 60V
1.2V
499k
1µF 100V 1206 X7R 2× 100µF 4V 0805 X5R
47pF
5V
500kHz
84.5k
650kHz
63.4k
3.4V to 60V
1.5V
287k
1µF 100V 1206 X7R 100µF 4V 0805 X5R
27pF
5V
500kHz
84.5k
750kHz
54.9k
3.4V to 60V
1.8V
200k
1µF 100V 1206 X7R 100µF 4V 0805 X5R
10pF
5V
500kHz
84.5k
900kHz
45.6k
3.4V to 60V
2V
169k
1µF 100V 1206 X7R 100µF 4V 0805 X5R
5V
600kHz
64.8k
950kHz
42.2k
4V to 60V
2.5V
118k
1µF 100V 1206 X7R 100µF 4V 0805 X5R
5V
800kHz
51.1k
1.2MHz
32.4K
5V to 60V
3.3V
80.6k
1µF 100V 1206 X7R 100µF 4V 0805 X5R
5V
850kHz
47.5k
1.5MHz
24.3k
7V to 60V
5V
47.5k
1µF 100V 1206 X7R 100µF 6.3V 1206 X5R
5V
1.2MHz
32.4k
2.2MHz
16.9k
11V to 60V
8V
28k
1µF 100V 1206 X7R 47µF 16V 1210 X7R
5V
1.4MHz
26.7k
3MHZ
10k
16V to 60V
12V
17.8k
1µF 100V 1206 X7R 22µF 25V 1210 X5R
5V
1.4MHz
26.7k
3MHZ
10k
19.5V to 60V
15V
14.3k
1µF 100V 1206 X7R 22µF 25V 1210 X5R
5V
1.4MHz
26.7k
3MHZ
10k
3.4V to 56V
–3.3V
80.6k
1µF 100V 1206 X7R 100µF 4V 0805 X5R
LTM8073
GND
850kHz
47.5k
1.5MHz
24.3k
3.4V to 55V
–5V
47.5k
1µF 100V 1206 X7R 100µF 6.3V 1206 X5R
LTM8073
GND
1.2MHz
32.4k
2.2MHz
16.9k
3.4V to 52V
–8V
28k
1µF 100V 1206 X7R 47µF 16V 1210 X7R
LTM8073
GND
1.4MHz
26.7k
3MHZ
10k
3.4V to 48V
–12V
17.8k
1µF 100V 1206 X7R 22µF 25V 1210 X5R
LTM8073
GND
1.4MHz
26.7k
3MHZ
10k
3.4V to 45V
–15V
14.3k
1µF 100V 1206 X7R 22µF 25V 1210 X5R
LTM8073
GND
1.4MHz
26.7k
3MHZ
10k
Note 1: The LTM8073 may be capable of lower input voltages but may skip switching cycles.
Note 2: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com