Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-CPDP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LT-CPDP
Description  SMT ceramic package with silicone resin and silicone lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-CPDP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LT-CPDP Datasheet HTML 4Page - OSRAM GmbH LT-CPDP Datasheet HTML 5Page - OSRAM GmbH LT-CPDP Datasheet HTML 6Page - OSRAM GmbH LT-CPDP Datasheet HTML 7Page - OSRAM GmbH LT-CPDP Datasheet HTML 8Page - OSRAM GmbH LT-CPDP Datasheet HTML 9Page - OSRAM GmbH LT-CPDP Datasheet HTML 10Page - OSRAM GmbH LT-CPDP Datasheet HTML 11Page - OSRAM GmbH LT-CPDP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2013-06-15
8
Version 1.2
LT CPDP
Forward Current 6) page 22
Durchlassstrom 6) Seite22
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 22 , 7) page 22
Relativer Lichtstrom 6) Seite22 , 7) Seite 22
V/ V(350 mA) = f(IF); TS = 25 °C
Dominant Wavelength 6) page 22
Dominante Wellenlänge 6) Seite 22
peak = f(IF); TS = 25 °C
OHL06010
2.8 3.0 3.2 3.4 3.6
200
400
600
800
1000
V (V)
F
I (mA)
F
50
OHL06039
0.0
0.5
1.0
1.5
2.0
I (mA)
F
Φ
V
Φ
V (350 mA)
OHL06080
-10
-5
0
5
10
Δλ
(nm)
dom
I (mA)
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com