Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388DR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3388DR
Description  8 strings White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3388DR Datasheet HTML 1Page - Monolithic Power Systems MP3388DR Datasheet HTML 2Page - Monolithic Power Systems MP3388DR Datasheet HTML 3Page - Monolithic Power Systems MP3388DR Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3388DR-00A
8 strings White LED Driver
Evaluation Board
EV3388DR-00A Rev.1.0
www.MonolithicPower.com
1
12/27/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3388DR-00A is an evaluation board for the
MP3388DR, a step-up converter designed for large
liquid-crystal displays that employ an array of LEDs
as the light source. It can drive up to 8 strings in
parallel and 10 LEDs per string.
The MP3388 uses internal switch current mode,
fixed frequency architecture and includes current
ballast in each string terminal, which achieves
±3% current regulation accuracy between strings.
Low feedback voltage at each LED string help
reduce power loss and improve efficiency.
The MP3388 has multiple features to protect the
converter from fault conditions, including under-
voltage lockout, current limiting, over voltage,
short LED, open LED and thermal shut-down
protection.
The MP3388 is available in small QFN24 (4mmx
4mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
4.5 – 25
V
LEDs #
8 strings parallel and
10 LEDs each string
LED Current
ILED
20/string
mA
FEATURES
 4.5V to 25V Input Voltage Range
 Up to 89% Efficiency
 Programmable Over Voltage Protection
 Drives up to 8 Strings Parallel and 10 LEDs
in Series.
 ±3% Current Regulation Accuracy Between
Strings
 Selectable Switching Frequency: 1.25MHz
and 625kHz
 Open and Short LED Load Protection
 Thermal Shutdown
APPLICATIONS
 Notebook PC
 Small LCD TV
 Handy Terminals Display
 Automotive Systems and Tablet Computer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3388DR-00A EVALUATION BOARD
(L x W x H) 10.0cm x 1.0cm x 1.0cm
Board Number
MPS IC Number
EV3388DR-00A
MP3388DR


Similar Part No. - MP3388DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3388DR MPS-MP3388DR Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388DR MPS-MP3388DR Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
More results

Similar Description - MP3388DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com