Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389EY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3389EY
Description  12 strings White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389EY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3389EY Datasheet HTML 1Page - Monolithic Power Systems MP3389EY Datasheet HTML 2Page - Monolithic Power Systems MP3389EY Datasheet HTML 3Page - Monolithic Power Systems MP3389EY Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3389EY-00A
12 strings White LED Driver
Evaluation Board
EV3389EY-00A Rev.1.0
www.MonolithicPower.com
1
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3389EY-00A is an evaluation board for the
MP3389EY, a step-up converter designed for large
liquid-crystal displays that employ an array of LEDs
as the light source. It can drive up to 12 strings
LEDs in parallel with 60mA maximum current.
The MP3389 uses external power MOSFET and
internal
current
mode,
fixed
frequency
architecture and includes current ballast in each
string terminal, which achieves 2.5% current
regulation
accuracy
between
strings.
Low
feedback voltage at each LED string help reduce
power loss and improve efficiency.
The MP3389 has multiple features to protect the
converter from fault conditions, including under-
voltage lockout, current limiting, over voltage,
short LED, open LED and thermal shut-down
protection.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol Value
Units
Input Voltage
VIN
8 – 28
V
LEDs #
12
strings
parallel and 14
LEDs/string
LED Current
ILED
20/string
mA
FEATURES
• 8V to 28V Input Voltage Range
• External Power MOSFET
• Up to 90% Efficiency
• Programmable Over Voltage Protection
• Drives up to 12 Strings Parallel 2.5%
Current Regulation Accuracy Between Strings
• Programmable Switching Frequency:
• PWM or DC Input Burst PWM Dimming
• Open and Short LED Load Protection
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• LCD Monitor
• LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3389EY-00A EVALUATION BOARD
(L x W x H) 7.5cm x 3.8cm x 1.0cm
Board Number
MPS IC Number
EV3389EY-00A
MP3389EY


Similar Part No. - MP3389EY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3389EY MPS-MP3389EY Datasheet
391Kb / 16P
12?밪tring, Step-up White LED Driver
More results

Similar Description - MP3389EY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com