Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA22 Datasheet(PDF) 1 Page - ams AG

Part # INA22
Description  2-input NAND gate with one inverted input 2x drive strength
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

INA22 Datasheet(HTML) 1 Page - ams AG

  INA22 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.35 µm CMOS
INA22
April 2000
Page 1 of 1
Rev. N/C
INA22 is a 2-input NAND gate with one inverted input 2x drive strength.
Truth Table
AB
Q
01
0
X0
1
1X
1
Area
0.141 mils
2
91 µm
2
Capacitance
Pin
Cap [pF]
A
0.008
B
0.018
Power
0.832 µW/MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(SL, L)
with L = Output Load [pF]
AC Characteristics:
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Rise
Fall
Slope [ns]
0.1
2
0.1
2
Load [pF]
0.03
0.3
0.03
0.3
0.03
0.3
0.03
0.3
Delay A => Q
0.25
0.71
0.5
0.95
0.23
0.63
0.42
0.82
Delay B => Q
0.11
0.57
0.35
0.87
0.11
0.49
0.15
0.68
Slew A => Q
0.31
1.81
0.35
1.82
0.22
1.1
0.29
1.12
Slew B => Q
0.32
1.84
0.73
2.07
0.18
1.08
0.6
1.38


Similar Part No. - INA22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI-INA220 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 39P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI1-INA220 Datasheet
1Mb / 36P
High- or Low-Side, Bidirectional Current and Power Monitor
INA220 TI1-INA220 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
More results

Similar Description - INA22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com