Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003 Datasheet(PDF) 6 Page - International Rectifier

Part # IP2003
Description  MULTIPHASE OPTIMIZED LGA POWER BLOCK
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003 Datasheet(HTML) 6 Page - International Rectifier

  IP2003 Datasheet HTML 1Page - International Rectifier IP2003 Datasheet HTML 2Page - International Rectifier IP2003 Datasheet HTML 3Page - International Rectifier IP2003 Datasheet HTML 4Page - International Rectifier IP2003 Datasheet HTML 5Page - International Rectifier IP2003 Datasheet HTML 6Page - International Rectifier IP2003 Datasheet HTML 7Page - International Rectifier IP2003 Datasheet HTML 8Page - International Rectifier IP2003 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.irf.com
6
iP2003
t
d(on)
t
d(off)
PWM
V
SW
90%
10%
90%
10%
Fig. 8: Power Loss Test Circuit
Fig. 9: Timing Diagram
Calculating SOA Temperature:
(Fig. 3)
SOA Temperature Adjustment for input voltage ≈ -0.5°C
(Fig. 4)
SOA Temperature Adjustment for output voltage ≈ 3.3°C
(Fig. 5)
SOA Temperature Adjustment for frequency ≈ -1.2°C
(Fig. 6)
SOA Temperature Adjustment for inductor value ≈ 0.25°C
TX axis intercept temp adjustment = - 0.5°C + 3.3°C - 1.2°C + 0.25°C ≈ 1.85°C
Assuming T
CASE = 110°C & TPCB = 100°C:
The following example shows how the SOA current is adjusted for a TX increase of 1.85°C.
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
0
1020
304050
60
708090
100
110
120
PCB Temperature (ºC)
Safe
Operating
Area
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
L=0.3uH
TX
0
1020
304050
60
708090
100
110
120
Case Temperature (°C)
V
SW
P
GND
PRDY
ENABLE
V
DD
A
A
DC
V
Average
Input
Voltage
(V
IN)
Average
Input
Current
(I
IN)
Average Output
Current (I
OUT)
Averaging
Circuit
V
Average
Output
Voltage
(V
OUT)
DC
V
Average
VDD
Voltage
(V
DD)
A
Average
VDD
Current
(I
DD)
iP2003
P
IN = VIN Average x IIN Average
P
DD = VDD Average x IDD Average
P
OUT = VOUT Average x IOUT Average
P
LOSS = (PIN + PDD) - POUT
V
IN
PWM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com