Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-425 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH-425
Description  GaAs Infrared Emitter in SMT Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-425 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH-425 Datasheet HTML 6Page - OSRAM GmbH SFH-425 Datasheet HTML 7Page - OSRAM GmbH SFH-425 Datasheet HTML 8Page - OSRAM GmbH SFH-425 Datasheet HTML 9Page - OSRAM GmbH SFH-425 Datasheet HTML 10Page - OSRAM GmbH SFH-425 Datasheet HTML 11Page - OSRAM GmbH SFH-425 Datasheet HTML 12Page - OSRAM GmbH SFH-425 Datasheet HTML 13Page - OSRAM GmbH SFH-425 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Version 1.0 (not for new design)
SFH 425
2013-01-16
13
Glossary
Glossar
1)
Thermal resistance: junction -ambient, mounted
on PC-board (FR4), padsize 16 mm2 each
1)
Wärmewiderstand: Sperrschicht -Umgebung, bei
Montage auf FR4 Platine, Padgröße je 16 mm2
2) Thermal resistance: junction -soldering point,
mounted on metal block
2) Wärmewiderstand: Sperrschicht -Lötstelle, bei
Montage auf Metall-Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com