Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-3401 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-3401
Description  Silicon NPN Phototransistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3401 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-3401 Datasheet HTML 1Page - OSRAM GmbH SFH-3401 Datasheet HTML 2Page - OSRAM GmbH SFH-3401 Datasheet HTML 3Page - OSRAM GmbH SFH-3401 Datasheet HTML 4Page - OSRAM GmbH SFH-3401 Datasheet HTML 5Page - OSRAM GmbH SFH-3401 Datasheet HTML 6Page - OSRAM GmbH SFH-3401 Datasheet HTML 7Page - OSRAM GmbH SFH-3401 Datasheet HTML 8Page - OSRAM GmbH SFH-3401 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2008-07-30
4
Version 1.0
SFH 3401
Grouping (TA = 25 °C, = 950 nm)
Gruppierung
Group
Min Photocurrent Max
Photocurrent
Typ Photocurrent Rise and fall time
Gruppe
Min Fotostrom
Max Fotostrom
Typ Fotostrom
Anstiegs- und
Abfallzeit
Ee = 0.1 mW/cm2,
VCE = 5 V
Ee = 0.1 mW/cm2,
VCE = 5 V
EV = 1000 lx, Std.
Light A, VCE = 5 V
IC = 1 mA, VCC =
5 V, RL = 1 k
IPCE, min [μA]
IPCE, max [μA]
IPCE [μA]
tr, tf [μs]
SFH 3401-1
63
125
1650
16
SFH 3401-2
100
200
2600
24
SFH 3401-3
160
320
4200
34
Group
Collector-emitter saturation
voltage
Current gain
Gruppe
Kollektor-Emitter
Sättigungsspannung
Stromverstärkung
IC = IPCEmin x 0.3, Ee =
0.1 mW/cm2
Ee = 0.1 mW/cm2, VCE = 5 V
VCEsat [mV]
IPCE / IPCB
SFH 3401-1
170
340
SFH 3401-2
170
530
SFH 3401-3
170
860
Note.: IPCEmin is the min. photocurrent of the specified group.
Anm.: IPCEmin ist der minimale Fotostrom der jeweiligen Gruppe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com