Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4110 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4110
Description  GaAs Infrared Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4110 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4110 Datasheet HTML 1Page - OSRAM GmbH SFH-4110 Datasheet HTML 2Page - OSRAM GmbH SFH-4110 Datasheet HTML 3Page - OSRAM GmbH SFH-4110 Datasheet HTML 4Page - OSRAM GmbH SFH-4110 Datasheet HTML 5Page - OSRAM GmbH SFH-4110 Datasheet HTML 6Page - OSRAM GmbH SFH-4110 Datasheet HTML 7Page - OSRAM GmbH SFH-4110 Datasheet HTML 8Page - OSRAM GmbH SFH-4110 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2007-04-03
4
Version 1.0
SFH 4110
Grouping (TA = 25 °C)
Gruppierung
Group
Min Radiant Intensity
Gruppe
Min Strahlstärke
IF = 20 mA, tp = 20 ms
Ie, min [mW / sr]
SFH 4110
2.5
Note: measured at a solid angle of Ω = 0.01 sr
Special bin selection on request
Anm.: gemessen bei einem Raumwinkel Ω = 0.01 sr
Sonderselektion auf Anfrage
Relative Spectral Emission
Relative spektrale Emission
Irel = f(λ), TA = 25°C
Radiant Intensity
Strahlstärke
Ie / Ie(100 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
OHF00369
10
-1
10
0
10
12
10
10
3
-3
10
-2
10
-1
10
10
0
1
10
e (100 mA)
Ι
Ι
F
e
Ι
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com