Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4247 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4247
Description  Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4247 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4247 Datasheet HTML 1Page - OSRAM GmbH SFH-4247 Datasheet HTML 2Page - OSRAM GmbH SFH-4247 Datasheet HTML 3Page - OSRAM GmbH SFH-4247 Datasheet HTML 4Page - OSRAM GmbH SFH-4247 Datasheet HTML 5Page - OSRAM GmbH SFH-4247 Datasheet HTML 6Page - OSRAM GmbH SFH-4247 Datasheet HTML 7Page - OSRAM GmbH SFH-4247 Datasheet HTML 8Page - OSRAM GmbH SFH-4247 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2017-01-23
4
Version 1.5 / acc. to OS-PCN-2016-018-A
SFH 4247
Max. Permissible Forward Current
IF = f (TA), RthJA = 390 K/W
Forward Current 3) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Permissible Pulse Handling Capability
IF = f (τ), TA = 85 °C, duty cycle D = parameter
SFH 4247
0
20
40
60
80
100
TA [°C]
0
20
40
60
80
IF [A]
0
I
OHF05642
F
VF
mA
V
10
2
3
10
0
10
1
10
1
2
3
4
SFH 4247
10-5 10-4 10-3 0,01 0,1
1
10 100
tp [s]
0,0
0,2
0,4
0,6
0,8
1,0
IF [A]
: D = 1
: D = 0,5
: D = 0,2
: D = 0,1
: D = 0,05
: D = 0,02
: D = 0,01
: D = 0,005
SFH 4247
10-5 10-4 10-3 0,01 0,1
1
10 100
tp [s]
0,0
0,2
0,4
0,6
0,8
1,0
IF [A]
: D = 1
: D = 0,5
: D =0,2
: D =0,1
: D =0,05
: D =0,02
: D =0,01
: D =0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com