Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH11N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH11N80
Description  MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH11N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH11N80 Datasheet HTML 1Page - IXYS Corporation IXTH11N80 Datasheet HTML 2Page - IXYS Corporation IXTH11N80 Datasheet HTML 3Page - IXYS Corporation IXTH11N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IXYS Corporation
3540 Bassett Street, Santa Clara,CA 95054
Tel: 408-982-0700
Fax: 408-496-0670
IXYS Semiconductor
Edisonstr. 15, D-68623 Lampertheim, Germany
Tel: +49-6206-5030
Fax: +49-6206-503629
I
XYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
11N80
11
A
13N80
13
A
I
DM
T
C = 25°C, pulse width limited by TJM
11N80
44
A
13N80
52
A
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
MegaMOSTMFET
N-Channel Enhancement Mode
V
DSS
I
D25
R
DS(on)
IXTH / IXTM 11N80 800 V
11 A 0.95
Ω
Ω
Ω
Ω
Ω
IXTH / IXTM 13N80 800 V
13 A 0.80
Ω
Ω
Ω
Ω
Ω
G
G = Gate,
D = Drain,
S = Source,
TAB = Drain
TO-204 AA (IXTM)
TO-247 AD (IXTH)
915380F (5/96)
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3 mA
800
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100 nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C
250
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
11N80
0.95
Ω
Pulse test, t
≤ 300 µs,
13N80
0.80
Ω
Features
q
International standard packages
q
Low R
DS (on) HDMOS
TM process
q
Rugged polysilicon gate cell structure
q
Low package inductance (< 5 nH)
- easy to drive and to protect
q
Fast switching times
Applications
q
Switch-mode and resonant-mode
power supplies
q
Motor controls
q
Uninterruptible Power Supplies (UPS)
q
DC choppers
Advantages
q
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
q
Space savings
q
High power density


Similar Part No. - IXTH11N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH11N80 ISC-IXTH11N80 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH11N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH24N50 IXYS-IXTH24N50 Datasheet
107Kb / 4P
MegaMOSFET
IXTK62N25 IXYS-IXTK62N25 Datasheet
85Kb / 2P
High Current MegaMOSFET
IXTH67N10 IXYS-IXTH67N10 Datasheet
111Kb / 4P
MegaMOSFET
IXTK250N10 IXYS-IXTK250N10 Datasheet
69Kb / 2P
High Current MegaMOSFET
IXTK33N50 IXYS-IXTK33N50 Datasheet
85Kb / 4P
High Current MegaMOSFET
IXTH14N80 IXYS-IXTH14N80 Datasheet
80Kb / 4P
MegaMOSFET
IXTK120N25 IXYS-IXTK120N25 Datasheet
85Kb / 2P
High Current MegaMOSFET
IXTK74N20 IXYS-IXTK74N20 Datasheet
320Kb / 2P
High Current MegaMOSFET
VMO400-02F IXYS-VMO400-02F Datasheet
85Kb / 4P
MegaMOSFET Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com