Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDF50 Datasheet(PDF) 1 Page - XP Power Limited

Part # RDF50
Description  DC-DC Converter 50 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF50 Datasheet(HTML) 1 Page - XP Power Limited

  RDF50 Datasheet HTML 1Page - XP Power Limited RDF50 Datasheet HTML 2Page - XP Power Limited RDF50 Datasheet HTML 3Page - XP Power Limited RDF50 Datasheet HTML 4Page - XP Power Limited RDF50 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RDF50 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Typical at 14 VDC input.
2. Measured at 20 MHz bandwidth and 10 µF electrolytic capacitor.
3. Measured at 72 VDC input.
• Ultra Wide 12:1 Input Range (14-160 VDC)
• Single Output
• Industry Standard 1/4 Brick
• -40 °C to +100 °C Operation
• 3000 VDC Isolation
• Output Trim -20/+10%
• Remote On/Off and Remote Sense
• Complies with EN50155
• Meets EN50121-3-2
• 3 Year Warranty
Dimensions:
RDF50:
1.45 x 2.28 x 0.5” (36.8 x 57.9 x 12.7 mm)
50 Watts
1. All dimensions are in inches (mm)
2. Weight: 0.24 lbs (109 g) approx.
3. Tolerance: x.x = ±0.5 (x.xx = ±0.25)
x.xx = ±0.02 (x.xxx = ±0.01)
Notes
Pin Connections
Pin
Single
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
BOTTOM VIEW
0.126 (3.2) clearance 2pl
Mounting Holes
1
1.86 (47.2)
0.059 (1.50)
Dia 2 places
0.040 (1.02)
Dia 6 places
2.28 (57.9)
2.00 (50.8)
0.30
(7.62)
0.16 min
(4.1)
0.50
(12.7)
0.60
(15.24)
1.45
(36.8)
1.03
(26.2)
0.60
(15.24)
2
3
8
7
6
5
4
Mechanical Details
Input
Voltage
Output
Voltage
Output Current
Input Current(1)
Ripple &
noise(2)
Efficiency(3)
Max. capacitive
load
Model Number
No Load
Full Load
14-160 VDC
5 V
6.00 A
5 mA
2.90 A
100 mV
83.0%
4700 µF
RDF5072WS05
12 V
4.20 A
5 mA
4.30 A
150 mV
87.0%
3300 µF
RDF5072WS12
24 V
2.10 A
5 mA
4.20 A
240 mV
89.0%
1200 µF
RDF5072WS24
48 V
1.05 A
5 mA
4.25 A
480 mV
88.0%
680 µF
RDF5072WS48


Similar Part No. - RDF50

ManufacturerPart #DatasheetDescription
logo
Star Micronics Co., Ltd...
RDF-07B STARMICRONICS-RDF-07B Datasheet
241Kb / 2P
RDF-07B
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF005 FCI-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF01 ETC1-RDF01 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF01 FCI-RDF01 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
More results

Similar Description - RDF50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
132 Watts / 48 Watts DC-DC Converter
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
50-100 WATTS MILITARY COTS DC/DC CONVERTER
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
10-50 WATTS MILITARY COTS DC/DC CONVERTER
logo
Power Mate Technology C...
HEC50 P-DUKE-HEC50 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
HEC100 P-DUKE-HEC100 Datasheet
718Kb / 3P
100 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50 Datasheet
394Kb / 3P
50 WATTS DC-DC CONVERTER
HEC50 P-DUKE-HEC50_14 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
50 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMQ50 WALL-DCMQ50 Datasheet
516Kb / 7P
50 Watts DC/DC Railway Converter Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com