Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7740
Description  15W Stereo Class D Single Ended Audio Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7740 Datasheet HTML 1Page - Monolithic Power Systems MP7740 Datasheet HTML 2Page - Monolithic Power Systems MP7740 Datasheet HTML 3Page - Monolithic Power Systems MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV7740DN-01B – 15W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7740DN-01B Rev. 1.0
www.MonolithicPower.com
4
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer
Figure 3—Bottom Silk Layer
Figure 4—Bottom Layer
IN1
IN2
For VDD=12V
Remove R18
OUT1
OUT2
EXT
ENABLE
Figure 5—EV7740DN-01B Connection Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com