Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH13N80 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH13N80
Description  MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH13N80 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH13N80 Datasheet HTML 1Page - IXYS Corporation IXTH13N80 Datasheet HTML 2Page - IXYS Corporation IXTH13N80 Datasheet HTML 3Page - IXYS Corporation IXTH13N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072
4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
IXTH11N80
IXTH13N80
IXTM11N80
IXTM13N80
V
DS - Volts
1
10
100
1000
0.1
1
10
V
SD - Volts
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
16
18
V
CE - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D=0.5
C
rss
C
oss
100ms
10ms
1ms
100µs
10µs
Limited by R
DS(on)
C
iss
Single Pulse
Gate Charge - nCoulombs
0
25
50
75
100
125
150
0
2
4
6
8
10
V
DS = 400V
I
D = 13A
I
G = 10mA
T
J = 125°C
T
J = 25°C
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
f = 1 MHz
V
DS = 25V
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.11 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com