Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7782DF
Description  40W Class D Stereo Bridged Audio Amplifier Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems MP7782DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV7782DF-02
40W Class D Stereo Bridged
Audio Amplifier Evaluation Board
EV7782DF-02A Rev. 1.0
www.MonolithicPower.com
1
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7782DF-02 is a stereo evaluation board
for MPS’ MP7782 Class D Bridged Audio
Amplifier. It is a second generation, fully
integrated audio amplifier which dramatically
reduces solution size by integrating four 180mΩ
Power MOSFETs in a space saving TSSOP20
Package. It utilizes a full bridge output structure
capable of delivering 40W into 8Ω speakers. As
in all other MPS Class D Audio Amplifiers, this
device exhibits the high fidelity of a Class AB
amplifier with an efficiency of 90%. The circuit is
based on the MPS’ proprietary variable
frequency
modulation
topology
(patents
pending) that delivers excellent PSRR, fast
response time and operates on a single power
supply.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
9.5 to 24
V
FEATURES
• 2 x 40W Peak, 2 x 30W Continuous into 8Ω
with VDD = 24V
• 90% Efficiency
• THD+N = 0.1%
• 9.5V to 24V Supply Voltage Operation
• Full Bridge Output Drive
• 4 Integrated 180mΩ Switches
• Turn-On / Turn-Off Click and Pop Suppression
• Integrated Short Circuit Protection
• Integrated Thermal Shutdown
• Mute / Standby Mode
• Thermally Enhanced TSSOP20F Package
with Exposed Pad
APPLICATIONS
• Flat Panel LCD and PDP Displays
• Notebook and Multimedia Computers
• Televisions
• Home Stereos
• DVD and VCD Players
• Game Devices and Systems
• Subwoofer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV7782DF-01A EVALUATION BOARD
100
10
1
0.1
0.01
0.1
1
10
100
OUTPUT POWER (W)
MP7782-EC01
THD+N vs Output Power
Dimensions (L x W x H) 4.0” x 3.5” x 1.0” (10cm x 9cm x 2.5cm)
Board Number
MPS IC Number
EV7782DF-02A
2 x MP7782DF


Similar Part No. - MP7782DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7782DF ETC1-MP7782DF Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
MP7782DF MPS-MP7782DF Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7782DF MPS-MP7782DF Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
MP7782DF MPS-MP7782DF Datasheet
370Kb / 6P
40W Class D Stereo Bridged Audio Amplifier
MP7782DF MPS-MP7782DF Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
More results

Similar Description - MP7782DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0045 MPS-EV0045 Datasheet
291Kb / 6P
Compact 25W Class D Stereo Bridged Audio Amplifier
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
logo
Analog Devices
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
Rev. 0
logo
Monolithic Power System...
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
EV7782DF-01A MPS-EV7782DF-01A Datasheet
370Kb / 6P
40W Class D Stereo Bridged Audio Amplifier
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com