Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY01N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY01N80
Description  High Voltage MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY01N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY01N80 Datasheet HTML 1Page - IXYS Corporation IXTY01N80 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 25 µA
800
V
V
V
GS(th)
V
DS = VGS, ID = 25 µA2
4.5
V
I
GSS
V
GS
= ±20 V
DC, VDS = 0
±50
nA
I
DSS
V
DS
= 0.8 V
DSS
T
J = 25°C
10
µA
V
GS = 0 V
T
J = 125°C
200
µA
R
DS(on)
V
GS = 10 V, ID = ID25
50
Pulse test, t
≤ 300 ms, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
01N100
V
DSS
T
J
= 25°C to 150°C
800
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25°C; T
J = 25°C to 150°C
100
mA
I
DM
T
C
= 25°C, pulse width limited by max. T
J
400
mA
P
D
T
C
= 25°C
25
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 5 s
300
°C
Weight
0.8
g
Preliminary data sheet
High Voltage MOSFET
N-Channel, Enhancement Mode
TO-251 AA
D
S
G
G = Gate,
D = Drain,
S = Source,
TAB = Drain
D (TAB)
Features
l Internationalstandardpackages
JEDEC TO-251 AA, TO-252 AA
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Fastswitchingtimes
Applications
l Levelshifting
l Triggers
l Solid state relays
l Current regulators
98841 (5/01)
TO-252 AA
G
S
V
DSS
= 800
V
I
D25
= 100mA
R
DS(on)
=
50
IXTU 01N80
IXTY 01N80
D (TAB)


Similar Part No. - IXTY01N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTY01N80 ISC-IXTY01N80 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTY01N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA1N100 IXYS-IXTA1N100 Datasheet
46Kb / 2P
High Voltage MOSFET
98822 IXYS-98822 Datasheet
60Kb / 2P
High Voltage MOSFET
IXTP01N100 IXYS-IXTP01N100 Datasheet
51Kb / 2P
High Voltage MOSFET
IXTA2N80 IXYS-IXTA2N80 Datasheet
46Kb / 2P
High Voltage MOSFET
IXTA05N100 IXYS-IXTA05N100 Datasheet
541Kb / 4P
High Voltage MOSFET
IXTH1N100 IXYS-IXTH1N100 Datasheet
87Kb / 2P
High Voltage MOSFET
logo
Silan Microelectronics ...
3VD499650YL SILAN-3VD499650YL Datasheet
96Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
logo
IXYS Corporation
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
IXTH20N50D IXYS-IXTH20N50D Datasheet
163Kb / 5P
High Voltage MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com