Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES5B Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES5B
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ES5B Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ES5B Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ES5B Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 6 6120 6


















0 06 215 
26


 6 8 0123
4

3
5
23
91 4923
491193
2149
3
5
23
91201463
422 0!13
! 8149
3
5"
23
913
46214214  60#108
910192 03
623
96
4 !$ 099 612 %&
3
5'
!1(3
! !44
0  23
23
 1)0#108
6 05 9 00 42
3
5*0#1089 00 428 0123
459 0
3
46214214  60#108 15 
26
-./012

0
1
3

0
3
4
5

6








-./2
-./012
 09 4215  1)0 06 215 
7
3
58
23
910 06 910192 03
623
96
1!$3
422 ! 012 0 9
1

3

:

0





01
1
;1

01
1
;1
0
4
0
5
3

<=
>?@
ABCDEA
FD@
GHDIA4FJ
KAE=
EL
=
IAMN
=
>OPQL
=
IARMDO



5
:SE<T
UVRWFXRY<T
UWZ
HX[W
\
.W]W2^AL
CMO_
W<1XZ
W<1]
W<1WZ
`<1.

0

4



3

5 0






0

-./012
B`R<WHT
]-F/:aE
b]`-c2c2RW
W<1XZ
W<1]
W<1WZ
W<1V
W<1.
defgi
‘’“”•–—™š’›œ‘’—“”•‘œ“—–œž
”ž
—“



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com