Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8705 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology LT8705 Datasheet HTML 19Page - Linear Technology LT8705 Datasheet HTML 20Page - Linear Technology LT8705 Datasheet HTML 21Page - Linear Technology LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology LT8705 Datasheet HTML 24Page - Linear Technology LT8705 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT8390
21
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + P • RTH(JA)
The junction-to-ambient thermal resistance RTH(JA) in-
cludes the junction-to-case thermal resistance RTH(JC)
and the case-to-ambient thermal resistance RTH(CA). This
value of TJ can then be compared to the original, assumed
value used in the iterative calculation process.
Optional Schottky Diode (DB, DD) Selection
The optional Schottky diodes DB (in parallel with switch
B) and DD (in parallel with switch D) conduct during the
dead time between the conduction of the power MOSFET
switches. They are intended to prevent the body diode of
synchronousswitchesBandDfromturningonandstoring
charge during the dead time. In particular, DB significantly
reduces reverse recovery current between switch B turn-
off and switch A turn-on, and DD significantly reduces
reverse recovery current between switch D turn-off and
switch C turn-on. They improve converter efficiency and
reduce switch voltage stress. In order for the diode to be
effective, the inductance between it and the synchronous
switch must be as small as possible, mandating that these
components be placed adjacently.
CIN and COUT Selection
Input and output capacitance is necessary to suppress
voltage ripple caused by discontinuous current moving
in and out the regulator. A parallel combination of capaci-
tors is typically used to achieve high capacitance and low
equivalent series resistance (ESR). Dry tantalum, special
polymer,aluminumelectrolyticandceramiccapacitorsare
all available in surface mount packages. Capacitors with
low ESR and high ripple current ratings, such as OS-CON
and POSCAP are also available.
Ceramic capacitors should be placed near the regula-tor
input and output to suppress high frequency switching
spikes. Ceramic capacitors, of at least 1µF, should also
be placed from VIN to GND and VOUT to GND as close to
the LT8390 pins as possible. Due to their excellent low
ESR characteristics, ceramic capacitors can significantly
reduce input ripple voltage and help reduce power loss in
the higher ESR bulk capacitors. X5R or X7R dielectrics are
preferred, as these materials retain their capacitance over
wide voltage and temperature ranges. Many ceramic ca-
pacitors,particularly0805or0603casesizes,havegreatly
reduced capacitance at the desired operating voltage.
Input Capacitance CIN: Discontinuous input current is
highest in the buck region due to the switch A toggling
on and off. Make sure that the CIN capacitor network has
low enough ESR and is sized to handle the maximum RMS
current. In buck region, the input RMS current is given by:
IRMS ≈ IOUT(MAX) •
VOUT
VIN
•
VIN
VOUT
−1
The formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT(MAX)/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief.
Output Capacitance COUT: Discontinuous current shifts
from the input to the output in the boost region. Make sure
that the COUT capacitor network is capable of reducing
the output voltage ripple. The effects of ESR and the bulk
capacitance must be considered when choosing the right
capacitor for a given output ripple voltage. The maximum
steady state ripple due to charging and discharging the
bulk capacitance is given by:
∆VCAP(BOOST) =
IOUT(MAX) • VOUT − VIN(MIN)
(
)
COUT • VOUT • f
∆VCAP(BUCK) =
VOUT • 1−
VOUT
VIN(MAX)


8 •L • f2 • COUT
The maximum steady ripple due to the voltage drop across
the ESR is given by:
∆VESR(BOOST) =
VOUT •IOUT(MAX)
VIN(MIN)
•ESR
∆VESR(BUCK) =
VOUT • 1−
VOUT
VIN(MAX)


L • f
•ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com