Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology LT8601 Datasheet HTML 24Page - Linear Technology LT8601 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LT8603
21
8603f
For more information www.linear.com/LT8603
APPLICATIONS INFORMATION
From this the ripple current can be specified using:
∆IL = χ •IL(MAX) = χ •IOUT(MAX) •
1
1 – DMAX
where χ in the above equation represents the percent-
age peak-to-peak ripple current in the inductor relative to
IL(MAX). Choosing the inductor ripple current, ∆IL, has a
direct impact on the choice of the inductor value and the
converter’s maximum output current capability. Choosing
smaller values of ∆IL increases the converter’s output cur-
rent capability but requires larger inductors. Choosing
larger values of ∆IL provides faster transient response
and allows the use of smaller inductors but results in
higher input current ripple, greater core losses, and lower
output current capability. In addition, larger values of ∆IL
at high duty cycle may result in sub-harmonic oscillation.
The typical range for χ is 20% to 40% though careful
evaluation of system stability should be made to ensure
adequate design margin. The peak inductor current will be
the average inductor current plus half the ripple current.
The LT8603 current sense comparator has a built-in cur-
rent limit threshold of 50mV across ISP4 and ISN4 so the
peak voltage across the sense resistor should be kept to
no more than 80% of this or 40mV. Therefore, the value
of RSENSE should be:
RSENSE =
0.04
IL(PEAK)
IL(PEAK) can be calculated from:
IL(PEAK) = 1+
χ
2

 •
IOUT(MAX)
1 – DMAX
The inductor value to achieve the required ripple is given
by following equation:
L =
VBATT MIN
(
)
∆IL • fSW
• DMAX
The inductor should have a saturation current exceeding
the current limit value of:
ILIM =
0.05
RSENSE
Finally, the ESR and magnetic loss of the inductor con-
tribute to overall system power loss. For best efficiency,
an inductor with low ESR and a core rated for the desired
operating frequency should be chosen. The sense resis-
tor should be chosen to have adequate power handling
capability. The maximum power dissipation is given by:
PRSENSE =
0.052
RSENSE
For example, a 4mΩ could dissipate up to 0.625W.
Boost: MOSFET Selection
For the boost configuration, the selected external MOSFET
should have a BVDSS rating exceeding, with margin, the
larger of either the maximum input voltage or the boost
output voltage plus a diode forward voltage. The maxi-
mum input voltage should include careful consideration
of possible transient conditions. In addition, the chosen
MOSFET should be compatible with the LT8603’s nomi-
nal gate drive of 4.6V and have a low value of RDS(ON)
for best efficiency. The current rating for the MOSFET
must be greater than the peak inductor current. Finally,
the maximum gate drive current required by the external
MOSFET should not exceed the 40mA capability of the
LT8603. The current drawn by the gate driver is given by:
IDRIVE = Qg • fsw
where Qg is the MOSFET gate charge and fSW is pro-
grammed switching frequency.
For example, if Qg is 20nC and fSW is 1MHz, the drive
requirement is 20mA.
Boost: Diode Selection
In the boost converter, the rectifier diode, SD1, only con-
ducts when the switch is off. The average diode current
is equal to the output current. The peak current is equal
to the peak inductor current and is given by:
ID PEAK
(
) = 1+
χ
2

 •
IOUT MAX
(
)
1 – DMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com