Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8640 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8640
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8640 Datasheet HTML 9Page - Linear Technology LT8640 Datasheet HTML 10Page - Linear Technology LT8640 Datasheet HTML 11Page - Linear Technology LT8640 Datasheet HTML 12Page - Linear Technology LT8640 Datasheet HTML 13Page - Linear Technology LT8640 Datasheet HTML 14Page - Linear Technology LT8640 Datasheet HTML 15Page - Linear Technology LT8640 Datasheet HTML 16Page - Linear Technology LT8640 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LT8603
13
8603f
For more information www.linear.com/LT8603
corresponding feedback pin to the lesser of 1V or the
voltage on the associated TRKSS pin.
FB3 (Pin 27): Feedback Input Pin for the Low Voltage
Converter. The converter regulates FB3 to 0.8V.
INTVCC (Pin 28): Internal Regulator Bypass. Do not load
the INTVCC pin with external circuitry. INTVCC is 3.1V
when BIAS < 3.1V, 3.4V when BIAS > 3.4V, and equal to
BIAS when BIAS is between 3.1V and 3.4V. Decouple to
ground with a low ESR 4.7µF capacitor.
RT (Pin 29): Frequency Programming Resistor. Connect
a resistor between this pin and ground to set the internal
oscillator frequency. This pin should not be left open.
RUN3 (Pin 30): Enable Input For Low Voltage Channel 3.
Channel 3 is enabled when the voltage on this pin exceeds
1.2V. The RUN3 pin has a precise threshold so it can be
used to create a UVLO function or be sequenced from
another channel. There is an internal soft-start timer
which ramps the output up in approximately 1ms.
CPOR (Pin 31): Power-On Reset Timing Capacitor.
A capacitor from this pin to ground sets the period of
the power-on reset oscillator timer. See the Applications
Information Section for details.
RST (Pin 32): Active Low Reset Output. This pin is the
output of the power-on reset function. This pin is an open-
drain output with a weak pull-up to approximately 2V. This
pin is held low until the power on reset timer times out.
SYNC (Pin 33): Clock Synchronization and Mode Select
Input. This pin allows the LT8603 to synchronize its
switching frequency to an external clock. When an external
clock is applied, the LT8603 will operate in pulse-skipping
mode. If clock synchronization is not used, connect this
pin to ground to enable low ripple Burst Mode operation
or connect high to enable pulse-skipping operation.
PVIN3 (Pin 34): Input Supply Voltage to Low Voltage
Channel 3. This pin will normally be connected to the
output of one of the high voltage converters but can be
supplied from any voltage in the specified range. It should
be bypassed locally with a low ESR ceramic capaci-
tor to ground with a low inductance connection to the
exposed pad.
SW3 (Pin 36): Low Voltage Converter Switch Node. This
is the output of the internal power switches for Channel 3.
PVIN1, PVIN2 (Pins 37, 14): Input Supply to High Voltage
Channels 1 and 2, respectively. These pins can be pow-
ered from the boost converter output or any voltage in
the specified range. Each pin should be bypassed locally
with  a low ESR ceramic capacitor to ground with a low
inductance connection to the exposed pad.
POREN (Pin 39): Power-On Reset Enable. This is a logic
input that starts the ramp on the POR timing capacitor.
This input has a weak pull-up to allow direct connection
to open-drain outputs.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com