Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3757
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology LT3757 Datasheet HTML 27Page - Linear Technology LT3757 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT8390
24
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
ISMON Current Monitor
The ISMON pin provides a buffered monitor output of the
currentflowingthroughtheISP/ISNcurrentsenseresistor,
RIS. The VISMON voltage is calculated as V(ISP-ISN) • 10 +
0.25V. Since the ISMON pin has the same 0.25V offset
as the CTRL pin, the master LT8390 ISMON pin can be
directly tied to the slave LT8390 CTRL pin for equal current
sharing in parallel applications.
Load Switch Control
The LOADEN and LOADTG pins provide high side PMOS
load switch control. The LOADEN pin accepts a logic level
ON/OFF signal and then drives the LOADTG pin to turn on
or off the high side PMOS load switch, thereby connect-
ing or disconnecting the LT8390 power output from the
system output. When the LOADEN pin is forced low, the
LT8390 turns off TG1 and TG2, turns on BG1 and BG2,
disconnects the VC pin from all internal loads, and turns
off LOADTG. The LOADEN pin should not be left open (tie
to INTVCC or VREF if not used).
High Side PMOS Load Switch Selection
A high side PMOS load switch is recommended in some
LT8390applicationsrequiringloadswitchcontrol.Thehigh
sidePMOSloadswitchistypicallyselectedfordrain-source
voltage VDS, gate-source threshold voltage VGS(TH), and
continuous drain current ID. For proper operations, VDS
rating should exceed the output regulation voltage set by
the FB pin, the absolute value of VGS(TH) should be less
than 3V, and ID rating should be above IOUT(MAX).
Programming Output Voltage and Thresholds
The LT8390 has a voltage feedback pin FB that can be used
to program a constant-voltage output. The output voltage
can be set by selecting the values of R3 and R4 (Figure
15) according to the following equation:
VOUT = 1V •
R3
+R4
R4
In addition, the FB pin also sets output overvoltage
threshold, PGOOD upper and lower thresholds, and out-
put short threshold. For an application with small output
capacitors, the output voltage may overshoot a lot during
load transient event. Once the FB pin hits its overvoltage
threshold 1.1V, the LT8390 stops switching by turning
off TG1, BG1, TG2, and BG2, and also turns off LOADTG
to disconnect the output load for protection. The output
overvoltage threshold can be set as:
VOUT(OVP) = 1.1V •
R3
+R4
R4
To provide the output short-circuit detection and protec-
tion, the output short threshold can be set as:
VOUT(SHORT) = 0.25V •
R3
+R4
R4
Power GOOD (PGOOD) Pin
The LT8390 provides an open-drain status pin, PGOOD,
which is pulled low when VFB is within ±10% of the 1.00V
regulation voltage. The PGOOD pin is allowed to be pulled
up by an external resistor to INTVCC or an external voltage
source of up to 6V.
Soft-Start and Short-Circuit Protection
As shown in Figure 8 and explained in the Operation sec-
tion, the SS pin can be used to program the output voltage
soft-start by connecting an external capacitor from the SS
pin to ground. The internal 12.5µA pull-up current charges
up the capacitor, creating a voltage ramp on the SS pin.
As the SS pin voltage rises linearly from 0.25V to 1V (and
beyond), the output voltage rises smoothly into its final
voltageregulation.Thesoft-starttimecanbecalculatedas:
tSS = 1V •
CSS
12.5µA
LT8390
VOUT
R3
R4
8390 F15
FB
Figure 15. Feedback Resistor Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com